Electronic Components Datasheet Search
  English  ▼

X  

PE8423 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8423
Description  50 Ohm N Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8423 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8423 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8423 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Pasternack’s RF Circulators and Isolators are available in high and low power versions with SMA or N-type connectors. These
Circulators and isolators have a minimum isolation of 18 dB and power ratings from 10 to 1,000 Watts. The frequency range
coverage is between 380 MHz and 2.2 GHz covering LTE, AWS, PCS and WiMax frequency bands. VSWR is <1.3:1 and the
insertion loss maximum is 0.35 dB
• Designs available from 380 MHz to 2.2 GHz covering Tetra, LTE, AWS, PCS, ISM and WiMax Bands
•
Isolators provide added protection to amplifiers and transmitters connected to high mismatch circuits
• Circulators are perfect for duplexer applications requiring at least 18 dB of isolation between transmit and receive
ports
• Circulators, in combination with a higher wattage termination, are usable for higher power isolator protection
Configuration
Connector 1
N Female
Connector 2
N Female
Connector 3
N Female
Frequency Range
380 MHz to 460 MHz
Design
Circulator
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
380
460
MHz
Impedance
50
Ohms
Insertion Loss
0.35
dB
Forward Power
1
KWatts
Reverse Power
1
KWatts
Input VSWR
1.25:1
Isolation
20
dB
.
Mechanical Specifications
Temperature
Operating Range
-20 to 70 deg C
Size
Length
2.5 in [63.5 mm]
Width
2.5 in [63.5 mm]
Height
1.02 in [25.91 mm]
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm N Circulator Operating From 380 MHz to 460 MHz And 1000 Watts With 20 dB Isola-
tion PE8423
PE8423
PE8423 REV 1.0
50 Ohm N Circulator Operating From 380 MHz to
460 MHz And 1000 Watts With 20 dB Isolation


Similar Part No. - PE8423

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8420 PASTERNACK-PE8420 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8421 PASTERNACK-PE8421 Datasheet
163Kb / 2P
50 Ohm N Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8422 PASTERNACK-PE8422 Datasheet
162Kb / 2P
50 Ohm SMA Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
logo
Peregrine Semiconductor...
PE84244 PEREGRINE-PE84244 Datasheet
218Kb / 6P
SPDT MOSFET RF SWITCH
More results

Similar Description - PE8423

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8418 PASTERNACK-PE8418 Datasheet
162Kb / 2P
50 Ohm SMA Circulator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8419 PASTERNACK-PE8419 Datasheet
163Kb / 2P
50 Ohm N Circulator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8420 PASTERNACK-PE8420 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8421 PASTERNACK-PE8421 Datasheet
163Kb / 2P
50 Ohm N Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8422 PASTERNACK-PE8422 Datasheet
162Kb / 2P
50 Ohm SMA Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8425 PASTERNACK-PE8425 Datasheet
162Kb / 2P
50 Ohm N Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8427 PASTERNACK-PE8427 Datasheet
317Kb / 2P
50 Ohm N Circulator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8429 PASTERNACK-PE8429 Datasheet
318Kb / 2P
50 Ohm N Circulator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8431 PASTERNACK-PE8431 Datasheet
317Kb / 2P
50 Ohm N Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com