Electronic Components Datasheet Search
  English  ▼

X  

A8285SLB Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A8285SLB
Description  LNB Supply and Control Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8285SLB Datasheet(HTML) 2 Page - Allegro MicroSystems

  A8285SLB Datasheet HTML 1Page - Allegro MicroSystems A8285SLB Datasheet HTML 2Page - Allegro MicroSystems A8285SLB Datasheet HTML 3Page - Allegro MicroSystems A8285SLB Datasheet HTML 4Page - Allegro MicroSystems A8285SLB Datasheet HTML 5Page - Allegro MicroSystems A8285SLB Datasheet HTML 6Page - Allegro MicroSystems A8285SLB Datasheet HTML 7Page - Allegro MicroSystems A8285SLB Datasheet HTML 8Page - Allegro MicroSystems A8285SLB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LNB Supply and Control Voltage Regulator
A8285 and
A8287
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Load Supply Voltage
VIN
16
V
Output Current
IOUT
Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction tempera-
ture of +150°C
Internally Limited
–
Output Voltage
–
LNB, BOOST
–0.3 to 28
V
TOUT
–0.3 to 22
V
Logic Input
–
EXTM
–0.3 to 5
V
Other
–0.3 to 7
V
Logic Output
–
–0.3 to 7
V
Package Power DIssipation
–
See power dissipation information in the Application
Information section
––
Operating Temperature
Ambient
TA
–20 to 85
ºC
Junction
TJ
–20 to 150
ºC
Storage
TS
–55 to 150
ºC
Part Number
Pb-free
Package
Description
A8285SLB
–
16-pin SOIC
Tone detect not provided
A8285SLB-T
Yes
16-pin SOIC
Tone detect not provided
A8287SLB
–
24-pin SOIC
All features
A8287SLB-T
Yes
24-pin SOIC
All features
Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com