Electronic Components Datasheet Search
  English  ▼

X  

L6370QTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6370QTR
Description  2.5 A single high-side smart power switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370QTR Datasheet(HTML) 5 Page - STMicroelectronics

  L6370QTR Datasheet HTML 1Page - STMicroelectronics L6370QTR Datasheet HTML 2Page - STMicroelectronics L6370QTR Datasheet HTML 3Page - STMicroelectronics L6370QTR Datasheet HTML 4Page - STMicroelectronics L6370QTR Datasheet HTML 5Page - STMicroelectronics L6370QTR Datasheet HTML 6Page - STMicroelectronics L6370QTR Datasheet HTML 7Page - STMicroelectronics L6370QTR Datasheet HTML 8Page - STMicroelectronics L6370QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID022313 Rev 2
5/17
L6370Q
Block diagram and pin description
17
29
DIAG2
DIAGNOSTIC2 output. This open drain reports the IC working
conditions (seeTable 6)
30
NC
Not connected
31
NC
Not connected
32
NC
Not connected
33
IN+
Comparator inverting input
34
IN-
Comparator non-inverting input
35
NC
Not connected
36
NC
Not connected
37
NC
Not connected
38
OUTSTATUS
This current source output drives a LED to signal the
status of the output pin. The pin is active (source current) when the
output pin is considered high
39
NC
Not connected
40
NC
Not connected
41
GND
Ground
42
NC
Not connected
43
NC
Not connected
44
NC
Not connected
45
NC
Not connected
46
NC
Not connected
47
NC
Not connected
48
NC
Not connected
Table 2. Pin description (continued)
Pin
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com