Electronic Components Datasheet Search
  English  ▼

X  

RH0039 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0039
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0039 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0039 Datasheet HTML 1Page - Solid States Devices, Inc RH0039 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR950 __ __ __
+ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
¦
¦
¦
¦
¦
+ Leg Bend Option
(See Figure 1)
¦
¦
¦
¦
¦
¦
¦
+
Package M = TO-254, Z = TO-254Z
SDR950M & Z
Thru
SDR952M & Z
50A, 35nsec typ., 100-200 V
Hyper Fast Rectifier
Features:
•
Hyper Fast Recovery: 50nsec Maximum
3/
•
High Surge Rating
•
Low Reverse Leakage Current
•
Low Junction Capacitance
•
Hermetically Sealed Package
•
Gold Eutectic Die Attach
•
Ultrasonic Aluminum Wire Bonds
•
Higher Voltages and Faster Recovery Times
Available, Contact Factory
•
Ceramic Seal for Improved Hermeticity Available
•
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR950M & Z
SDR951M & Z
SDR952M & Z
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
5/
Io
50
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, or equivalent DC)
4/
IFSM
350
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
4/
RθJC
0.85
ºC/W
-
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF =10 Amp, di/dt = 200A/µs
4/ Pins 2 and 3 Tied Together.
5/ TC = 150°C, Derate to 0A @ 200°C.
-
TO-254 (M)
-
TO-254Z (Z)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0039K
DOC


Similar Part No. - RH0039

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0039 SSDI-RH0039_15 Datasheet
80Kb / 2P
Hyper Fast Rectifier
More results

Similar Description - RH0039

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com