Electronic Components Datasheet Search
  English  ▼

X  

RH0071H Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0071H
Description  HYPER FAST CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0071H Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0071H Datasheet HTML 1Page - Solid States Devices, Inc RH0071H Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0071H
DOC
ELECTRICAL CHARACTERISTICS (Per Leg)
Symbol
Min
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 10 Amps, TA = 25
oC, 300
sec Pulse)
(IF = 20 Amps, TA = 25
oC, 300
sec Pulse)
VF1
VF2
––
––
1.05
1.25
Volts
Instantaneous Forward Voltage Drop
(IF = 10 Amps, TA = 100
oC, 300
sec Pulse)
(IF = 10 Amps, TA = -55
oC, 300
sec Pulse)
VF3
VF4
––
––
0.95
1.2
Volts
Reverse Leakage Current
(Rated VR, TA = 25
oC, 300
sec pulse minimum)
IR1
––
10
A
Reverse Leakage Current
(Rated VR, TA = 100
oC, 300
sec pulse minimum)
IR2
––
100
A
Reverse Recovery Time
(IF = 0.5A, IR = 1 A, IRR = 0.25A, TA = 25
oC)
trr
––
35
ns
Junction Capacitance
(VR =10 VDC, TA = 25
oC, f = 1 MHz)
CJ
––
225
pF
Case Outline: TO-257
.537
.527
.660
.645
.430
.410
.210
.190
.045
.035
Ø
.150
.140
.420
.410
.105
.095
.125
.110
1.100
.500
PIN 1
PIN 2
PIN 3
SUFFIX: J
3x Ø
.035
.025
SUFFIX JDB
SUFFIX JUB
Common Cathode Common Anode
Doubler
PIN ASSIGNMENT
CODE
FUNCTION
PIN 1
PIN 2
PIN 3
CT
Common Anode
Anode 1
Cathode
Anode 2
CA
Common Anode
Cathode 1
Anode
Cathode 2
D
Doubler
Cathode 1
Cathode2/Anode 1
Anode 2
DR
Doubler Reverse
Anode 1
Cathode1/Anode 2
Cathode 2
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR620CTJ, CAJ, DJ, DRJ
thru
SDR622CTJ, CAJ, DJ, DRJ
2x
.180
.150
.200
MIN
SUFFIX: JD
.180
.150
.200
MIN
SUFFIX: JU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com