Electronic Components Datasheet Search
  English  ▼

X  

RH0099F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0099F
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0099F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0099F Datasheet HTML 1Page - Solid States Devices, Inc RH0099F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Voltage/Family
205 = 50V
210 = 100V
220 = 200V
230 = 300V
SPD205 thru SPD230
and
SPD205SMS thru SPD230SMS
2.0 AMPS
50 ─ 300 VOLTS
25 ns HYPERFAST RECOVERY
RECTIFIER
FEATURES:
•
Hyper Fast Reverse Recovery: 25ns Maximum 4/
•
PIV to 300 Volts
•
Hermetically Sealed
•
Low Forward Voltage Drop
•
Void Free Chip Construction
•
For High Efficiency Applications
•
Available in Axial & Square Tab Versions
TX, TXV, and S-Level Screening Available
2/
• Replacement for: 1N 5802, US thru 1N5806, US
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SPD205
SPD210
SPD220
SPD230
VRRM
VRWM
VR
50
100
200
300
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25°C)
IO
2.0
Amps
Peak Surge Current
(8.3ms pulse, half sine wave superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
50
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJE
38
25
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0099F
DOC


Similar Part No. - RH0099F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0099F SSDI-RH0099F_15 Datasheet
214Kb / 2P
HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - RH0099F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0121 SSDI-RH0121 Datasheet
192Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com