Electronic Components Datasheet Search
  English  ▼

X  

RH0123 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0123
Description  Hyper Fast Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0123 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0123 Datasheet HTML 1Page - Solid States Devices, Inc RH0123 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
`
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
1/
TO-3
SDR623CT/3
Thru
SDR626CT/3
40A 35nsec 300-600 V
Hyper Fast Centertap Rectifier
Features:
Hyper Fast Recovery: 35nsec Maximum
3/
High Surge Rating
Low Reverse Leakage Current
Low Junction Capacitance
Hermetically Sealed Package
Gold Eutectic Die Attach
Ultrasonic Aluminum Wire Bonds
Common Anode and Doubler Versions Available
Ceramic Seals for Improved Hermeticity Available
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR623CT/3
SDR624CT/3
SDR625CT/3
SDR626CT/3
VRRM
VRWM
VR
300
400
500
600
Volts
Average Rectified Forward Current
4/
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
40
Amps
Peak Surge Current
5/
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
200
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
4/
Junction to Case
5/
RθJC
1.45
2.3
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to .25 Amp.
4/ Both Legs Tied Together.
5/ Each Leg.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0123B
DOC


Similar Part No. - RH0123

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0123 SSDI-RH0123_15 Datasheet
56Kb / 2P
Hyper Fast Centertap Rectifier
More results

Similar Description - RH0123

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620CTJ SSDI-SDR620CTJ_1 Datasheet
117Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR620CTM SSDI-SDR620CTM_1 Datasheet
118Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR623CTJ SSDI-SDR623CTJ_1 Datasheet
79Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR9103CTN SSDI-SDR9103CTN_1 Datasheet
161Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR60010HCT SSDI-SDR60010HCT Datasheet
172Kb / 3P
HYPER FAST CENTERTAP RECTIFIER
RH0049 SSDI-RH0049 Datasheet
81Kb / 2P
Hyper Fast Centertap Rectifier
RH0055 SSDI-RH0055 Datasheet
49Kb / 2P
Hyper Fast Centertap Rectifier
RH0071H SSDI-RH0071H Datasheet
117Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
RH0073 SSDI-RH0073_15 Datasheet
321Kb / 2P
Hyper Fast Centertap Rectifier
RH0243 SSDI-RH0243_15 Datasheet
236Kb / 2P
Hyper Fast Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com