Electronic Components Datasheet Search
  English  ▼

X  

RH0125 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0125
Description  Hyper Fast Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0125 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0125 Datasheet HTML 1Page - Solid States Devices, Inc RH0125 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
`
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
1/
CERAMIC TO-254
SDR623CTC
Thru
SDR626CTC
40A 35nsec 300-600 V
Hyper Fast Centertap Rectifier
Features:
•
Hyper Fast Recovery: 35nsec Maximum
3/
•
High Surge Rating
•
Low Reverse Leakage Current
•
Low Junction Capacitance
•
Hermetically Sealed Package
•
Gold Eutectic Die Attach
•
Ultrasonic Aluminum Wire Bonds
•
Common Anode and Doubler Versions Available
•
Flat Leads for Low Inductance
•
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR623CTC
SDR624CTC
SDR625CTC
SDR626CTC
VRRM
VRWM
VR
300
400
500
600
Volts
Average Rectified Forward Current
4/
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
40
Amps
Peak Surge Current
5/
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
200
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
4/
Junction to Case
5/
RθJC
1.0
2.1
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to .25 Amp.
4/ Both Legs Tied Together.
5/ Each Leg.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0125B
DOC


Similar Part No. - RH0125

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0125 SSDI-RH0125_15 Datasheet
55Kb / 2P
Hyper Fast Centertap Rectifier
More results

Similar Description - RH0125

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620CTJ SSDI-SDR620CTJ_1 Datasheet
117Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR620CTM SSDI-SDR620CTM_1 Datasheet
118Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR623CTJ SSDI-SDR623CTJ_1 Datasheet
79Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR9103CTN SSDI-SDR9103CTN_1 Datasheet
161Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR60010HCT SSDI-SDR60010HCT Datasheet
172Kb / 3P
HYPER FAST CENTERTAP RECTIFIER
RH0049 SSDI-RH0049 Datasheet
81Kb / 2P
Hyper Fast Centertap Rectifier
RH0071H SSDI-RH0071H Datasheet
117Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
RH0123 SSDI-RH0123 Datasheet
56Kb / 2P
Hyper Fast Centertap Rectifier
RH0073 SSDI-RH0073_15 Datasheet
321Kb / 2P
Hyper Fast Centertap Rectifier
RH0243 SSDI-RH0243_15 Datasheet
236Kb / 2P
Hyper Fast Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com