Electronic Components Datasheet Search
  English  ▼

X  

3012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3012
Description  3/8 Square Drive Sockets, SAE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3012 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
40
Part
Part
Hex
Overall
Diameter
Diameter
Opening
Number
Number
Opening
Length
Nose End
Drive End
Depth
6 Point
Double Hex
In.
(A)
(B)
(C)
(D)
3108•
3108-D•
1/4
1 1/4
7/16
3/4
5/32
3109
-
9/32
1 1/4
7/16
3/4
3/16
3010•
-
5/16
7/8
1/2
3/4
3/16
3110•
3110-D•
5/16
1 1/4
1/2
3/4
3/16
3111•
-
11/32
1 1/4
1/2
3/4
3/16
3012•
3012-D•
3/8
7/8
19/32
3/4
3/16
3112•
3112-D•
3/8
1 1/4
19/32
3/4
1/4
3113
3113-D
13/32
1 1/2
11/16
3/4
1/4
3014•
3014-D•
7/16
7/8
11/16
3/4
9/32
3114•
3114-D•
7/16
1 1/2
11/16
3/4
9/32
SW-604•
-
7/16
1 1/2
21/32
3/4
9/32
3016•
3016-D•
1/2
7/8
13/16
13/16
5/16
3116•
3116-D•
1/2
1 1/2
13/16
13/16
11/32
HC-3816•
-
1/2
1 1/2
11/16
11/16
11/32
3117
-
17/32
1 1/2
13/16
13/16
11/32
3018•
3018-D•
9/16
7/8
7/8
7/8
5/16
3118•
-
9/16
1 1/2
7/8
7/8
7/16
SW-343
-
9/16
1 1/2
3/4
3/4
7/16
SW-605
SW-605-D 9/16
1 1/2
3/4
13/16
7/16
3119•
-
19/32
1 1/2
7/8
7/8
7/16
3020•
3020-D
5/8
1
15/16
15/16
7/16
3120•
3120-D•
5/8
1 1/2
15/16
15/16
7/16
HC-3520*
-
5/8
2 3/8
7/8
7/8
7/32
3022
3022-D
11/16
1
1
1
7/16
3122•
-
11/16
1 1/2
1
1
7/16
3024•
3024-D
3/4
1
1 1/16
1 1/16
7/16
3124•
3124-D
3/4
1 1/2
1 1/16
1 1/16
15/32
3126
-
13/16
1 1/2
1 1/8
1 1/8
7/16
3028•
3028-D
7/8
1
1 1/4
1 1/4
7/16
6 Point &
Double Hex,
Short and
Standard Length
3/8” Square Drive Sockets, SAE
*HC-3520 is spark plug socket.
A
B
C
D
inches
A
B
C
D
inches
A
B
C
D
inches
A
B
C
D
inches
Part
Part
Hex
Overall
Diameter
Diameter
Opening
Number
Number
Opening
Length
Nose End
Drive End
Depth
6 Point
Double Hex
In.
(A)
(B)
(C)
(D)
3408•
3408-D
1/4
1 1/4
7/16
3/4
5/32
3409
-
9/32
1 1/4
7/16
3/4
3/16
3410•
3410-D•
5/16
1 1/4
1/2
3/4
3/16
OS-3410*•
-
5/16
1 1/4
7/16
19/32
3/16
3412•
3412-D•
3/8
1 1/2
19/32
3/4
1/4
3414•
3414-D•
7/16
1 1/2
5/8
3/4
9/32
3416•
3416-D•
1/2
1 1/2
3/4
3/4
11/32
3418•
3418-D•
9/16
1 1/2
25/32
13/16
7/16
3420•
3420-D•
5/8
1 1/2
7/8
7/8
7/16
3424•
3424-D
3/4
1 1/2
1
1
15/32
3426
-
13/16
1 1/2
1 1/8
1 1/8
17/32
3428•
-
7/8
1 1/2
1 3/16
1 1/4
9/16
3430•
3430-D
15/16
1 1/2
1 5/16
1 5/16
5/8
3432
-
1
1 1/2
1 3/8
1 3/8
5/8
3434•
-
1 1/16
1 1/2
1 1/2
1 1/2
11/16
6 Point & Double Hex,
Thin Wall,
Standard
Length
6 Point & Double Hex, Long and
Extra Long
Length
*No ring groove.
Part
Part
Hex
Overall
Diameter
Diameter
Opening
Number
Number
Opening
Length
Nose End
Drive End
Depth
6 Point
Double Hex
In.
(A)
(B)
(C)
(D)
3208•
3208-D
1/4
2
7/16
3/4
5/32
3308
-
1/4
3 1/2
7/16
3/4
5/32
3209
-
9/32
2
7/16
3/4
3/16
3210•
3210-D•
5/16
2
1/2
3/4
3/16
3310•
3310-D•
5/16
3 1/2
1/2
3/4
3/16
OS-3310-D*
-
5/16
3 1/2
15/32
5/8
3/16
3211
-
11/32
2
1/2
3/4
3/16
3311
-
11/32
3 1/2
1/2
3/4
3/16
3212•
3212-D•
3/8
2
19/32
3/4
1/4
3312•
3312-D
3/8
3 1/2
19/32
3/4
1/4
3214•
3214-D
7/16
2
11/16
3/4
9/32
3314•
3314-D•
7/16
3 1/2
11/16
3/4
9/32
3216•
3216-D•
1/2
2
13/16
13/16
11/32
3316•
3316-D•
1/2
3 1/2
13/16
13/16
11/32
3218•
3218-D•
9/16
2
7/8
7/8
7/16
3318•
3318-D•
9/16
3 1/2
7/8
7/8
7/16
3220•
3220-D•
5/8
2
15/16
15/16
7/16
3320•
3320-D
5/8
3 1/2
15/16
15/16
7/16
3222•
3222-D
11/16
2
1
1
7/16
3322•
3322-D
11/16
3 1/2
1
1
7/16
3224•
3224-D
3/4
2
1 1/16
1 1/16
15/32
3324•
3324-D
3/4
3 1/2
1 1/16
1 1/16
15/32
3226•
3226-D
13/16
2
1 1/4
1 1/4
17/32
3326
3326-D
13/16
3 1/2
1 1/4
1 1/4
17/32
3228•
3228-D
7/8
2
1 1/4
1 1/4
9/16
3328•
-
7/8
3 1/2
1 1/4
1 1/4
9/16
*No ring groove.
Part
Part
Hex
Overall
Diameter
Diameter
Opening
Number
Number
Opening
Length
Nose End
Drive End
Depth
6 Point
Double Hex
In.
(A)
(B)
(C)
(D)
3510•
-
5/16
2
1/2
3/4
3/16
3511•
-
11/32
2
1/2
3/4
3/16
3512•
3512-D•
3/8
2
19/32
3/4
1/4
3514•
3514-D
7/16
2
5/8
3/4
9/32
3516•
3516-D•
1/2
2
3/4
3/4
11/32
3518•
3518-D•
9/16
2
25/32
13/16
7/16
3524•
3524-D•
3/4
2
1
1
15/32
3530
-
15/16
2
1 5/16
1 5/16
5/8
3532•
-
1
2
1 3/8
1 3/8
5/8
3534
-
1 1/16
2
1 1/2
1 1/2
11/16
6 Point & Double Hex,
Thin Wall,
Long Length
• Indicates a commonly requested item that is either in stock or has a max
typical leadtime of 4 weeks from the factory. No minimum on these items.


Similar Part No. - 3012

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3012 SCHURTER-3012 Datasheet
385Kb / 3P
Power Cord with IEC Connector C13, Angled
3012 SCHURTER-3012 Datasheet
400Kb / 3P
Power entry modules without line filter
logo
XFMRS Inc.
3012 XFMRS-3012 Datasheet
29Kb / 4P
POWER APPLICATIONS
logo
Abbatron All Rights Res...
3012 ABBATRON-3012 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3012 KEYSTONE-3012 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
More results

Similar Description - 3012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF Datasheet
131Kb / 1P
3/8 Square Trimming Potentiometer
3299W-1-103 BOURNS-3299W-1-103 Datasheet
308Kb / 1P
3/8??Square Trimming Potentiometer
RJ24 BOURNS-RJ24 Datasheet
169Kb / 1P
3/8 ??Square Trimming Potentiometer
3386 BOURNS-3386_06 Datasheet
317Kb / 3P
3/8 Square Trimming Potentiometer
logo
Glenair, Inc.
TG70 GLENAIR-TG70 Datasheet
168Kb / 1P
Connector Strap Wrench with 3/8" Square Drive
logo
Bourns Electronic Solut...
3386P-1-502LF BOURNS-3386P-1-502LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
3/8 ??Square Trimpot짰 Trimming Potentiometer
logo
List of Unclassifed Man...
ST11-PC ETC2-ST11-PC Datasheet
79Kb / 1P
8 and 11 Pin Square Base Sockets, DIN Rail Mountable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com