Electronic Components Datasheet Search
  English  ▼

X  

ST1L05APU33R Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1L05APU33R
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05APU33R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1L05APU33R Datasheet HTML 3Page - STMicroelectronics ST1L05APU33R Datasheet HTML 4Page - STMicroelectronics ST1L05APU33R Datasheet HTML 5Page - STMicroelectronics ST1L05APU33R Datasheet HTML 6Page - STMicroelectronics ST1L05APU33R Datasheet HTML 7Page - STMicroelectronics ST1L05APU33R Datasheet HTML 8Page - STMicroelectronics ST1L05APU33R Datasheet HTML 9Page - STMicroelectronics ST1L05APU33R Datasheet HTML 10Page - STMicroelectronics ST1L05APU33R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DocID14492 Rev 3
7/30
ST1L05
Pin configuration
30
2
Pin configuration
Figure 5. Pin connections (top view)
ST1L05
ST1L05A
ST1L05B
ST1L05D
ST1L05C
Table 2. Pin description
Symbol
Pin
Function
ST1L05
ST1L05A ST1L05B ST1L05C
ST1L05D
VI
63
6
6
8
Supply voltage input pin. Bypass with a
4.7 µF capacitor to GND
VO
42
4
4
6
Output voltage pin. Bypass with a 4.7 µF
capacitor to GND
GND
2
6
2
2
2
Ground pin
ADJ
-
-
5
-
7
Adjust pin
VO_SENSE
5
--5
-
VO sense
PG
-
-
3
-
3
Power Good pin
EN
-
-
1
1
1
Enable pin. Internal pull-up to VI
N.C.
1-3
1-4-5
-
3
4-5
Not connected
GND
Exposed
Exposed pad has to be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com