Electronic Components Datasheet Search
  English  ▼

X  

MSP430F4152IPM Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 35Page - Texas Instruments MSP430F4152IPM Datasheet HTML 36Page - Texas Instruments MSP430F4152IPM Datasheet HTML 37Page - Texas Instruments MSP430F4152IPM Datasheet HTML 38Page - Texas Instruments MSP430F4152IPM Datasheet HTML 39Page - Texas Instruments MSP430F4152IPM Datasheet HTML 40Page - Texas Instruments MSP430F4152IPM Datasheet HTML 41Page - Texas Instruments MSP430F4152IPM Datasheet HTML 42Page - Texas Instruments MSP430F4152IPM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
39
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
typical characteristics
TA -- Free-Air Temperature -- C
400
450
500
550
600
650
--45
--25
--5
15
35
55
75
95
VCC =3V
Figure 15. V(RefVT) vs Temperature
Typical
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
Figure 16. V(RefVT) vs Temperature
TA -- Free-Air Temperature -- C
400
450
500
550
600
650
--45
--25
--5
15
35
55
75
95
VCC =2.2 V
Typical
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
_
+
CAON
0
1
V+
0
1
CAF
Low-Pass Filter
 2 s
To Internal
Modules
Set CAIFG
Flag
CAOUT
V--
VCC
1
0V
0
Figure 17. Block Diagram of Comparator_A Module
Overdrive
VCAOUT
t(response)
V+
V--
400 mV
Figure 18. Overdrive Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com