Electronic Components Datasheet Search
  English  ▼

X  

MF100CCM Datasheet(PDF) 2 Page - Texas Instruments

Part # MF100CCM
Description  MF10-N Universal Monolithic Dual Switched Capacitor Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF100CCM Datasheet(HTML) 2 Page - Texas Instruments

  MF100CCM Datasheet HTML 1Page - Texas Instruments MF100CCM Datasheet HTML 2Page - Texas Instruments MF100CCM Datasheet HTML 3Page - Texas Instruments MF100CCM Datasheet HTML 4Page - Texas Instruments MF100CCM Datasheet HTML 5Page - Texas Instruments MF100CCM Datasheet HTML 6Page - Texas Instruments MF100CCM Datasheet HTML 7Page - Texas Instruments MF100CCM Datasheet HTML 8Page - Texas Instruments MF100CCM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MF10-N
SNOS547C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
System Block Diagram
Package in 20 pin molded wide body SOIC and 20 pin PDIP.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (V+
− V−)
14V
V+ + 0.3V
Voltage at Any Pin
V−
− 0.3V
Input Current at Any Pin(3)
5 mA
Package Input Current(3)
20 mA
Power Dissipation(4)
500 mW
Storage Temperature
150°C
ESD Susceptability(5)
2000V
Soldering Information
N Package: 10 sec
260°C
Vapor Phase (60 Sec.)
215°C
SO Package
Infrared (15 Sec.)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V
− or V
IN > V
+) the absolute value of current at that pin
should be limited to 5 mA or less. The 20 mA package input current limits the number of pins that can exceed the power supply
boundaries with a 5 mA current limit to four.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA)/θJA or the number given in the Absolute
Maximum Ratings, whichever is lower. For this device, TJMAX = 125°C, and the typical junction-to-ambient thermal resistance of the
MF10ACN/CCN when board mounted is 55°C/W. For the MF10AJ/CCJ, this number increases to 95°C/W and for the
MF10ACWM/CCWM this number is 66°C/W.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: MF10-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com