Electronic Components Datasheet Search
  English  ▼

X  

LM5021 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5021
Description  LM5021 AC-DC Current Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5021 Datasheet(HTML) 5 Page - Texas Instruments

  LM5021 Datasheet HTML 1Page - Texas Instruments LM5021 Datasheet HTML 2Page - Texas Instruments LM5021 Datasheet HTML 3Page - Texas Instruments LM5021 Datasheet HTML 4Page - Texas Instruments LM5021 Datasheet HTML 5Page - Texas Instruments LM5021 Datasheet HTML 6Page - Texas Instruments LM5021 Datasheet HTML 7Page - Texas Instruments LM5021 Datasheet HTML 8Page - Texas Instruments LM5021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CS
SS
VIN
GND
VCC
8.5V LINEAR
REGULATOR
OSC
OUT
SLOPE COMPENSATION RAMP GENERATOR
DRIVER
PWM
COMPARATOR
5.2V
CLK
22 PA
10 PA
0.25 PA
COMP
SKIP CYCLE
COMPARATOR
MAX DUTY LIMIT
LM5021 - 1 (80%)
LM5021 - 2 (50%)
(LM5021 - 1 ONLY)
+
-
+
-
1.8k
5k
2R
R
125 mV
CURRENT LIMIT
COMPARATOR
36V
CLAMP
RT/ SYNC
50 PA
0 PA
VIN UVLO
20V RISING
7.25V FALLING
EN
VCC_UVLO
Q
S
R
+
-
PWM
LOGIC
+
-
SS
5.2V
1.25V
550 mV
VCC_UVLO
VCC_UVLO
DIS
SOFTSTART
AND
HICCUP
MODE
LOGIC
COMP
VCC_UVLO
VCC UVLO
7V RISING
5.8V FALLING
1
500 mV
CLK
Leading Edge Blanking
7
2
3
4
8
5
6
LM5021
www.ti.com
SNVS359D – MAY 2005 – REVISED MARCH 2013
Simplified Block Diagram
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com