Electronic Components Datasheet Search
  English  ▼

X  

LM1973 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM1973
Description  LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1973 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM1973 Datasheet HTML 8Page - Texas Instruments LM1973 Datasheet HTML 9Page - Texas Instruments LM1973 Datasheet HTML 10Page - Texas Instruments LM1973 Datasheet HTML 11Page - Texas Instruments LM1973 Datasheet HTML 12Page - Texas Instruments LM1973 Datasheet HTML 13Page - Texas Instruments LM1973 Datasheet HTML 14Page - Texas Instruments LM1973 Datasheet HTML 15Page - Texas Instruments LM1973 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LM1973
SNAS093B – DECEMBER 1994 – REVISED MARCH 2013
www.ti.com
of DC bias current for its operation. As the impedance changes, so does the DC bias current and thus there
is a DC voltage “pop”.
2. Secondly, the
μPot has no drive capability, so any desired gain needs to be accomplished through a
buffer/non-inverting amplifer.
3. Third, the output of a
μPot needs to see a high impedance to prevent loading and subsequent linearity errors
from ocurring. A JFET input buffer provides a high input impedance to the output of the
μPot so that this
does not occur.
Clicks and pops can be avoided by using a JFET input buffer/amplifier such as an LF412ACN. The LF412 has a
high input impedance and exhibits both a low noise floor and low THD+N throughout the audio spectrum which
maintains signal integrity and linearity for the system. The performance of the system solution is entirely
dependent upon the quality and performance of the JFET input buffer/amplifier.
LOGARITHMIC GAIN AMPLIFIER
The
μPot is capable of being used in the feedback loop of an amplifier, however, as stated previously, the output
of the
μPot needs to see a high impedance in order to maintain its high performance and linearity. Again, loading
the output will change the values of attenuation for the device. As shown in Figure 23, a
μPot used in the
feedback loop creates a logarithmic gain amplifier. In this configuration the attenuation levels from Table 1, now
become gain levels with the largest possible gain value being 76dB. For most applications 76dB of gain will
cause signal clipping to occur, however, because of the
μPot's versatility the gain can be controlled through
programming such that the clipping level of the system is never obtained. An important point to remember is that
when in mute mode the input is disconnected from the output. In this configuration this will place the amplifier in
its open loop gain state, thus resulting in severe comparator action. Care should be taken with the programming
and design of this type of circuit. To provide the best performance, a JFET input amplifier should be used.
Figure 23. Digitally-Controlled Logarithmic Gain Amplifier Circuit
Figure 24. n-
μPot Daisy-Chained Circuit
12
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LM1973



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com