Electronic Components Datasheet Search
  English  ▼

X  

LM1971 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM1971
Description  Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1971 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM1971 Datasheet HTML 7Page - Texas Instruments LM1971 Datasheet HTML 8Page - Texas Instruments LM1971 Datasheet HTML 9Page - Texas Instruments LM1971 Datasheet HTML 10Page - Texas Instruments LM1971 Datasheet HTML 11Page - Texas Instruments LM1971 Datasheet HTML 12Page - Texas Instruments LM1971 Datasheet HTML 13Page - Texas Instruments LM1971 Datasheet HTML 14Page - Texas Instruments LM1971 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM1971
www.ti.com
SNAS104B – FEBRUARY 1995 – REVISED APRIL 2013
Figure 20. Active Reference with Active Gain Buffering
LOGARITHMIC GAIN AMPLIFIER
The
μPot is capable of being used in the feedback loop of an op amp to create a gain controlled amplifier as
shown in Figure 21. In this configuration the attenuation levels from Table 1 become gain levels with the largest
possible gain value being 62 dB. For most applications, 62 dB of gain will cause signal clipping to occur.
However, this can be controlled through programming. It is important to note that when in mute mode the input is
disconnected from the output, thus placing the amplifier in open-loop gain state. In this mode, the amplifier will
behave as a comparator. Care should be taken with the programming and design of this type of circuit. To
provide the best overall performance, a high input impedance, low input bias current op amp should be used.
Figure 21. Logarithmic Gain Amplifier Circuit
MUTE FUNCTION
A major feature of the LM1971 is its ability to mute the input signal to an attenuation level of 102 dB. This is
accomplished internally by physically disconnecting the output from the input while also grounding the output pin
through approximately 2 k
Ω.
The mute function is obtained during power-up of the device or by sending any binary data of 0011 1111 and
above serially to the device. The device may be placed into mute at any time during operation, allowing the
designer to make the mute command accessible to the end-user.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com