Electronic Components Datasheet Search
  English  ▼

X  

LM1971MX Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM1971MX
Description  Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1971MX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM1971MX Datasheet HTML 4Page - Texas Instruments LM1971MX Datasheet HTML 5Page - Texas Instruments LM1971MX Datasheet HTML 6Page - Texas Instruments LM1971MX Datasheet HTML 7Page - Texas Instruments LM1971MX Datasheet HTML 8Page - Texas Instruments LM1971MX Datasheet HTML 9Page - Texas Instruments LM1971MX Datasheet HTML 10Page - Texas Instruments LM1971MX Datasheet HTML 11Page - Texas Instruments LM1971MX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LM1971
SNAS104B – FEBRUARY 1995 – REVISED APRIL 2013
www.ti.com
*Note: Load and clock falling edges can be coincident, however, the clock falling edge cannot be delayed more than
20 ns from the falling edge of load. It is preferrable that the falling edge of clock occurs before the falling edge of load.
Figure 15. Timing Diagram
Figure 16. Serial Data Format Transfer Process
μPOT LADDER ARCHITECTURE
The
μPot contains a chain of R1/R2 resistor dividers in a ladder form, as shown in Figure 17. Each R1 is actually
a series of 8 resistors, with a CMOS switch that taps into the resistor chain according to the attenuation level
chosen. For any given attenuation setting, there is only one CMOS switch closed (no paralleling of ladders). The
input impedance therefore remains constant, while the output impedance changes as the attenuation level
changes. It is important to note that the architecture is a series of resistor dividers, and not a straight, tapped
resistor, so the
μPot is not a variable resistor; it is a variable voltage divider.
Figure 17. Resistor Ladder Architecture
8
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com