Electronic Components Datasheet Search
  English  ▼

X  

CLD156 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # CLD156
Description  Large Active Area Silicon Planar photodiode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

CLD156 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  CLD156 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
0.330 (8.38)
0.320 (8.13)
0.365 (9.27)
0.355 (9.02)
0.164 (4.17)
0.186 (4.72)
0.200 (5.08)
0.030 (0.76) nom
1.000 (25.4) min
CATHODE (long lead)
Case 12
CLD156
Large Active Area
Silicon Planar photodiode
Clairex
Technologies, Inc.
May, 2001
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
• 100° acceptance angle
• 860nm peak response
• TO-5 hermetic package
• usable for visible through near-IR
• RoHS compliant
description
The CLD156 and CLD156R are
0.122" x 0.222" active area silicon
photodiodes featuring high linearity
and low dark current. The TO-5
header provides thermal
environment for reliable operation
over a wide temperature range. Wide
acceptance angle permits use in IR
air communications, ambient light
detection, safety and monitoring,
security systems, etc. For additional
information, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature........................................................................-65°C to +150°C
operating temperature.....................................................................-65°C to +150°C
lead soldering temperature
(1) .............................................................................260°
reverse voltage ...................................................................................................30V
continuous power dissipation
(2) .....................................................................200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 1.28mW/°C free air temperature to TA = +150°C.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
ISC
Short-circuit current(3)
-
100
-
µA
VBIAS = 0V, Ee = 5mW/cm
2
-
-
50
nA
VF = 100mV, Ee = 0
ID
Dark current
-
-
50
nA
VR = 15V, Ee = 0
VO
Open circuit voltage
(3)
-
0.35
-
V
Ee = 5mW/cm
2
VBR
Reverse breakdown
25
-
-
V
IR = 100µA
CJ
Junction capacitance
-
-
400
pF
VBIAS = 0V, f = 1MHz
tr, tf
Output rise and fall time
(4)
-
-
10
µs
RL = 1kΩ
ΘHP
Total angle at half sensitivity points
-
100
-
deg.
notes: 3. Radiation source is a frosted tungsten lamp at a color temperature of 2854K or equivalent.
4.
Radiation source is an AlGaAs IRED operating at a peak emission wavelength of 880nm and Ee = 20mW/cm
2.
Revised 3/15/06
This product is tested to satisfy the
conditions of both the CLD156 and
the CLD156R.


Similar Part No. - CLD156

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLD156 ETC2-CLD156 Datasheet
93Kb / 1P
Large Active Area Silicon Planar photodiode
logo
Clairex Technologies, I...
CLD156 CLAIREX-CLD156 Datasheet
96Kb / 1P
Large Active Area Silicon Planar photodiode
More results

Similar Description - CLD156

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTH2090 PERKINELMER-VTH2090 Datasheet
90Kb / 2P
LARGE AREA PIN PHOTODIODE
logo
OPTEK Technologies
OPR5913 OPTEK-OPR5913 Datasheet
104Kb / 1P
Large Area SMD Silicon Photodiode
logo
List of Unclassifed Man...
CLD156 ETC2-CLD156 Datasheet
93Kb / 1P
Large Active Area Silicon Planar photodiode
CLD160 ETC2-CLD160 Datasheet
92Kb / 1P
Large Active Area Silicon Planar photodiode
logo
Advanced Photonix, Inc.
SD394-70-72-591 ADVANCEDPHOTONIX-SD394-70-72-591 Datasheet
62Kb / 1P
Cooled Large Area Red Silicon Avalanche Photodiode
logo
Clairex Technologies, I...
CLD156 CLAIREX-CLD156 Datasheet
96Kb / 1P
Large Active Area Silicon Planar photodiode
CLD160 CLAIREX-CLD160 Datasheet
96Kb / 1P
Large Active Area Silicon Planar photodiode
CLD171 CLAIREX-CLD171 Datasheet
100Kb / 1P
Large Active Area Silicon Planar photodiode
logo
New Jersey Semi-Conduct...
CLD171R NJSEMI-CLD171R Datasheet
100Kb / 1P
Large Active Area Silicon Planar photodiode
logo
Luna Innovations Incorp...
SD394-70-72-591 LUNA-SD394-70-72-591 Datasheet
136Kb / 2P
Cooled Large Area Red Silicon Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com