Electronic Components Datasheet Search
  English  ▼

X  

BUZ45 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # BUZ45
Description  N-Channel Enhancement-Mode Power Field-Effect Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

BUZ45 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  BUZ45 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. BUZ45 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - BUZ45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ45 INTERSIL-BUZ45 Datasheet
12Kb / 1P
9.6A, 500V, 0.600 Ohm, N-Channel Power MOSFET
October 1998
logo
Inchange Semiconductor ...
BUZ45 ISC-BUZ45 Datasheet
483Kb / 2P
isc N-Channel MOSFET Transistor
logo
Intersil Corporation
BUZ45A INTERSIL-BUZ45A Datasheet
12Kb / 1P
8.3A, 500V, 0.800 Ohm, N-Channel Power MOSFET
October 1998
logo
Inchange Semiconductor ...
BUZ45A ISC-BUZ45A Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
logo
Intersil Corporation
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
More results

Similar Description - BUZ45

ManufacturerPart #DatasheetDescription
logo
GE Solid State
IRFF130 GESS-IRFF130 Datasheet
161Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS
RFM10N12 GESS-RFM10N12 Datasheet
211Kb / 4P
N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS
logo
List of Unclassifed Man...
RFH35N08 ETC1-RFH35N08 Datasheet
217Kb / 4P
POWER MOS FIELD - EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
RFK35N08 ETC1-RFK35N08 Datasheet
220Kb / 4P
POWER MOS FIELD - EFFECT TRANSISTORS, N - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6763 NJSEMI-2N6763 Datasheet
93Kb / 2P
N-Channel Enhancement-Mode Power MOS Field-Effect Transistors
RFP15N12 NJSEMI-RFP15N12 Datasheet
87Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
RFP10N12 NJSEMI-RFP10N12 Datasheet
89Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
RFM15N12 NJSEMI-RFM15N12 Datasheet
87Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
RFM10N12 NJSEMI-RFM10N12 Datasheet
89Kb / 2P
N-Channel Enhancement-Mode Power Field-Effect Transistors
RFP12N18 NJSEMI-RFP12N18 Datasheet
73Kb / 2P
N-Channel Enhancement Mode Power Field Effect Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com