Electronic Components Datasheet Search
  English  ▼

X  

CBS2002403 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CBS2002403
Description  Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBS2002403 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CBS2002403 Datasheet HTML 1Page - List of Unclassifed Manufacturers CBS2002403 Datasheet HTML 2Page - List of Unclassifed Manufacturers CBS2002403 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
MAX OUTPUT WATTAGE[W]
DC OUTPUT
SPECIFICATIONS
MODEL
INPUT
VOLTAGE[V]
CURRENT[A]
*1
EFFICIENCY[%]
*1
OUTPUT
VOLTAGE[V]
CURRENT[A]
LINE REGULATION[mV]
LOAD REGULATION[mV]
RIPPLE[mVp-p]
-20 to +100
C*2
-40to-20
C*2
RIPPLE NOISE[mVp-p]
-20 to +100
C*2
-40to-20
C*2
TEMPERATURE REGULATION[mV]
0to+65
C
-40 to +100
C
DRIFT[mV]
*3
START-UP TIME[ms]
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] *4
OUTPUT VOLTAGE SETTING[V]
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
OVERVOLTAGE PROTECTION[V]
REMOTE SENSING
REMOTE ON/OFF
MODEL
MAX OUTPUT WATTAGE[W]
DC OUTPUT
SPECIFICATIONS
MODEL
INPUT
VOLTAGE[V]
CURRENT[A]
*1
EFFICIENCY[%]
*1
OUTPUT
VOLTAGE[V]
CURRENT[A]
LINE REGULATION[mV]
LOAD REGULATION[mV]
RIPPLE[mVp-p]
-20 to +100
C*2
-40to-20
C*2
RIPPLE NOISE[mVp-p]
-20 to +100
C*2
-40to-20
C*2
TEMPERATURE REGULATION[mV]
0to+65
C
-40 to +100
C
DRIFT[mV]
*3
START-UP TIME[ms]
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] *4
OUTPUT VOLTAGE SETTING[V]
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
OVERVOLTAGE PROTECTION[V]
REMOTE SENSING
REMOTE ON/OFF
DC18 - 36
10max
10max
24max
30max
48max
56max
10max
10max
24max
30max
48max
56max
10max
10max
24max
30max
48max
56max
10max
10max
24max
30max
48max
56max
80max
80max
120max
120max
120max
120max
80max
80max
120max
120max
120max
120max
120max
120max
150max
150max
150max
150max
120max
120max
150max
150max
150max
150max
120max
120max
150max
150max
150max
150max
120max
120max
150max
150max
150max
150max
200max
200max
200max
200max
250max
250max
200max
200max
200max
200max
250max
250max
35max
50max
120max
150max
240max
280max
35max
50max
120max
150max
240max
280max
66max
100max
240max
300max
480max
560max
66max
100max
240max
300max
480max
560max
16max
20max
40max
60max
90max
90max
16max
20max
40max
60max
90max
90max
200max (DCIN 24V, Io=100%)
Fixed (TRM pin open), adjustable by external resistor
1.98 - 3.63
3.0 - 5.5
7.2 - 13.2
9.0 - 16.5
14.4 - 26.4
16.8 - 30.8
1.98 - 3.63
3.0 - 5.5
7.2 - 13.2
9.0 - 16.5
14.4 - 26.4
16.8 - 30.8
3.25 - 3.45
4.90 - 5.20
CBS200241R8
CBS200242R5
63.00
87.50
1.8V 35A
2.5V 35A
CBS200241R8
CBS200242R5
3.75typ
4.80typ
70typ
76typ
1.8
2.5
35
35
10max
10max
10max
10max
80max
80max
120max
120max
120max
120max
200max
200max
35max
35max
66max
66max
16max
16max
1.70 - 1.98
1.98 - 2.75
1.77 - 1.88
2.46 - 2.61
11.74 - 12.46
14.55 - 15.45
23.28 - 24.72
27.16 - 28.84
3.25 - 3.45
4.90 - 5.20
11.74 - 12.46
14.55 - 15.45
23.28 - 24.72
27.16 - 28.84
Works over 105% of rating and recovers automatically
4.00 - 5.50
5.75 - 7.00
2.16 - 2.88 3.00 - 4.00
13.80 - 16.80
17.25 - 21.00
27.60 - 33.60
32.20 - 39.20
4.00 - 5.50
5.75 - 7.00
CBS200481R8
CBS200482R5
63.00
87.50
1.8V 35A
2.5V 35A
CBS200481R8
CBS200482R5
1.88typ
2.40typ
70typ
76typ
1.8
2.5
35
35
10max
10max
10max
10max
80max
80max
120max
120max
120max
120max
200max
200max
35max
35max
66max
66max
16max
16max
1.70 - 1.98 1.98 -2.75
1.77 - 1.88 2.46 -2.61
2.16 - 2.88 3.00 - 4.00
13.80 - 16.80
17.25 - 21.00
27.60 - 33.60
32.20 - 39.20
Provided
Provided (Negative logic L : ON, H : OFF)
DC36 - 76
200max (DCIN 48V, Io=100%)
Fixed (TRM pin open), adjustable by external resistor
Works over 105% of rating and recovers automatically
Provided
Provided (Negative logic L : ON, H : OFF)
CBS2002403
CBS2002405
CBS2002412
CBS2002415
CBS2002424
CBS2002428
CBS2004803
CBS2004805
CBS2004812
CBS2004815
CBS2004824
CBS2004828
115.5
150.0
200.4
201.0
201.6
201.6
115.5
150.0
200.4
201.0
201.6
201.6
3.3V 35A
5V 30A
12V 16.7A 15V 13.4A
24V 8.4A
28V 7.2A
3.3V 35A
5V 30A
12V 16.7A
15V 13.4A
24V 8.4A
28V 7.2A
CBS2002403
CBS2002405
CBS2002412
CBS2002415
CBS2002424
CBS2002428
CBS2004803
CBS2004805
CBS2004812
CBS2004815
CBS2004824
CBS2004828
6.09typ
7.62typ
9.60typ
9.63typ
9.66typ
9.66typ
3.01typ
3.77typ
4.74typ
4.76typ
4.77typ
4.77typ
79typ
82typ
87typ
87typ
87typ
87typ
80typ
83typ
88typ
88typ
88typ
88typ
3.3
5
12
15
24
28
3.3
5
12
15
24
28
35
30
16.7
13.4
8.4
7.2
35
30
16.7
13.4
8.4
7.2
96max
96max
200max
250max
250max
400max
480max
960max
180max
43.2 - 52.8
46.56 - 49.44
55.20 - 67.20
CBS2004848
201.6
48V 4.2A
CBS2004848
4.77typ
88typ
48
4.2
CBS200
Power module type
CB
S
200
48
12
-
O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
24:DC18 - 36V
48:DC36 - 76V
5Output voltage
6Optional
R :with Remote ON/OFF
Positive logic control
T :with Mounting hole
f3.4 thru
F
O:with Addition of a
Heat sink
R
123456
CBS
H-24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com