Electronic Components Datasheet Search
  English  ▼

X  

354553 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 354553
Description  Messerleiste M12 4pol.A Cod
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

354553 Datasheet(HTML) 1 Page - ERNI Electronics

  354553 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ident.-Nr.
Typ
Bemerkung
384554
4 Pol. A Cod.
Tray 50 St.
prior notice.
contact one of the ERNI companies
Date
21.01.2011
a
Index
M12
10,5mm o.D. mit Einstich THR
Messerleiste M12 4pol.A Cod
384553
5:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
-0,05
1
9 ±0,1
1,4
0,9
-0,05
1 ±0,03
12,84 ±0,25
23
14
10,5
8,15
9,45
Verpack im Tray, Verpackungseinheit 50 Stück
Pin 1
Tray packaging, packaging unit 50 pcs.
322,5
29
9 x 29 = 261
Layout - Vorschlag
PCB - Layout proposal
1,2 (4x)
±0,05
9
3,54


Similar Part No. - 354553

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35455527 ETC-35455527 Datasheet
2Mb / 1P
SEE COMPONENT DRAWING
REV 02
More results

Similar Description - 354553

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
254155 ERNI-254155 Datasheet
27Kb / 1P
Messerleiste M12 A Cod
254186 ERNI-254186 Datasheet
72Kb / 1P
Messerleiste M12 A Cod
254316 ERNI-254316 Datasheet
159Kb / 1P
Messerleiste M12 8pol.A Cod
364776 ERNI-364776 Datasheet
112Kb / 1P
Messerleiste M12 8pol.A Cod
364780 ERNI-364780 Datasheet
67Kb / 1P
Messerleiste M12 4pol.A Cod
394338 ERNI-394338 Datasheet
116Kb / 1P
Messerleiste M12 5pol.A Cod
394340 ERNI-394340 Datasheet
114Kb / 1P
Messerleiste M12 4pol.A Cod
464799 ERNI-464799 Datasheet
113Kb / 1P
Messerleiste M12 8pol. A Cod
474234 ERNI-474234 Datasheet
56Kb / 1P
Messerleiste M12 B Cod.
100103210063 ERNI-100103210063 Datasheet
106Kb / 1P
Messerleiste M12 8pol.A Cod
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com