Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0731 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0731
Description  Dual Channel Low Input Current, High Gain Optocouplers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0731 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0731 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0731 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0731 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0731 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0731 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0731 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0731 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0731 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0731 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Guaranteed operation at low input currents
and the high current transfer ratio (CTR) reduce
the magnitude and effects of CTR degradation.
Theoutstandinghightemperatureperformanceofthissplit
Darlingtontypeoutputamplifierresultsfromtheinclusion
ofanintegratedemitter-basebypassresistorwhichshunts
photodiode and first stage leakage currents to ground.
TheHCPL-2731/0731havea400%minimumCTRataninput
currentofonly0.5mAmakingitidealforuseinlowinputcur-
rentapplicationssuchasMOS,CMOS,andlowpowerlogic
interfacing or RS232C data transmission systems. In addi-
tion,thehighCTRandhighoutputcurrentcapabilitymake
this device extremely useful in applications where a high
fanout is required. Compatibility with high voltage CMOS
logicsystemsisguaranteedbythe18VV
CC andVO specifica-
tions and by testing output high leakage (I
OH) at 18 V.
TheHCPL-2730/0730arespecifiedataninputcurrentof1.6
mA and have a 7 V V
CC and VO rating. The 300% minimum
CTR allows TTL to TTL interfacing at this input current.
Important specifications such as CTR, leakage cur-
rent, and output saturation voltage are guaranteed
over the 0°C to 70°C temperature range to allow
trouble-free system operation. Selection for lower in-
put currents down to 250 µA is available upon request.
Selection Guide
Widebody
Package
Hermetic
8-Pin DIP (300 Mil)
Small Outline SO-8
(400 mil)
Single and
Dual
Single
Dual
Minimum
Absolute
Dual
Single
Channel
Channel
Channel
Single
Input ON
Maxi-
Channel
Channel
Package
Package
Package
Channel
Current
Minimum
mum
Packages
Package
HCPL-
HCPL-
HCPL-
Package
(I
F)
CTR
V
CC
HCPL-
6N139[1]
2731
0701[1]
0731
HCNW139[1]
0.5 mA
400%
18 V
6N138[1]
2730
0700[1]
0730
HCNW138[1]
1.6 mA
300%
7 V
HCPL-4701[1]
4731[1]
070A[1]
073A[1]
40 µA
800%
18 V
0.5 mA
300%
20 V
5701[1]
5700[1]
5731[1]
5730[1]
Note:
1. Technical data are on separate Avago publications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com