| Electronic Components Datasheet Search |
|
NRC02 Datasheet(PDF) 2 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NRC02 Datasheet(HTML) 2 Page - NIC-Components Corp. |
|
2 / 6 page ![]() 2 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Thick Film Chip Resistors NRC Series DIMENSIONS (mm) Type Power Rating EIA Size LW H T t NRC01 1/32W 01005 0.40 ± 0.02 0.20 ± 0.02 0.13 ± 0.02 0.10 ± 0.03 0.10 ± 0.03 NRC02 1/20W 0201 0.6 ± 0.03 0.3 ± 0.03 0.25 ± 0.05 0.1 ± 0.05 0.15 ± 0.05 NRC04 1/16W 0402 1.0 +0.1/-0.05 0.5 +0.1/-0.05 0.3 ± 0.05 0.2 ± 0.1 0.25 ± 0.1 NRC06 1/10W 0603 1.6 ± 0.15 0.8 ± 0.15 0.45 ± 0.1 0.3 ± 0.15 0.3 ± 0.15 NRC10 1/8W 0805 2.0 ± 0.20 1.25 ± 0.10 0.5 ± 0.10 0.35 ± 0.20 0.35 ± 0.15 NRC12 1/4W 1206 3.1 ± 0.15 1.55 ± 0.15 0.55 ± 0.10 0.45 ± 0.20 0.35 ± 0.15 NRC25 1/3W 1210 3.1 ± 0.15 2.50 ± 0.20 0.55 ± 0.10 0.50 ± 0.20 0.50 ± 0.25 NRC50 3/4W 2010 5.0 ± 0.20 2.50 ± 0.15 0.60 ± 0.10 0.60 ± 0.20 0.50 ± 0.30 NRC100 1W 2512 6.3 ± 0.20 3.20 ± 0.20 0.60 ± 0.10 0.70 ± 0.20 0.70 ± 0.30 NRC01ZO JUMPER 01005 Same as NRC01 NRC02ZO JUMPER 0201 Same as NRC02 NRC04ZO JUMPER 0402 Same as NRC04 NRC06ZO JUMPER 0603 Same as NRC06 NRC10ZO JUMPER 0805 Same as NRC10 NRC12ZO JUMPER 1206 Same as NRC12 NRC25ZO JUMPER 1210 Same as NRC25 NRC50ZO JUMPER 2010 Same as NRC50 NRC100ZO JUMPER 2512 Same as NRC100 Note *2 - Maximum allowable Overload voltage is two times the Maximum Working Voltage (see Note *1 above). Note *5 - Please note, NIC’s NRC series products are capable of meeting the following specifications: JIS-C 5202, EIAJ RC-2690, EIA575, EIA PDP-100, MIL-R-5542D and UL94V-0. Note *4 - Please contact NIC for availability of laser trimmable versions of 0805 and 1206 sizes parts. Note *3 - Made to order. Contact NIC for leadtime. Power rating (Watts) x Resistance (Ohms) Note *1 - Maximum allowable continuous Working Voltage for all resistors is the lower of the two values: “Maximum Working Voltage” as specified above (or) Power Derating Curve: For operation above 70°C, power rating must be derated according to the following chart: o C 100 80 60 40 20 0 -20 20 60 100 140 160 125 155 0402/0603/0805/1206/1210/2010/2512 0201 CONSTRUCTION NRC01 (01005) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |