Electronic Components Datasheet Search
  English  ▼

X  

VC-2R2A80 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # VC-2R2A80
Description  ASSP for Mobile Telephone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

VC-2R2A80 Datasheet(HTML) 4 Page - fujitsu semiconductor

  VC-2R2A80 Datasheet HTML 1Page - fujitsu semiconductor VC-2R2A80 Datasheet HTML 2Page - fujitsu semiconductor VC-2R2A80 Datasheet HTML 3Page - fujitsu semiconductor VC-2R2A80 Datasheet HTML 4Page - fujitsu semiconductor VC-2R2A80 Datasheet HTML 5Page - fujitsu semiconductor VC-2R2A80 Datasheet HTML 6Page - fujitsu semiconductor VC-2R2A80 Datasheet HTML 7Page - fujitsu semiconductor VC-2R2A80 Datasheet HTML 8Page - fujitsu semiconductor VC-2R2A80 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VC-80 Series
4
2.
For cdmaOne (Part number : VC-2R8A80-0739A)
• Absolute Maximum Ratings
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
• Electrical Characteristics
(Ta
= +25 °C ± 3 °C)
* : Ta
= −30 °C to +80 °C
Parameter
Symbol
Rating
Unit
Min.
Max.
Input DC voltage
VCC
+ 3.2
V
Control voltage
Vt
+ 3.2
V
Operating temperature
Ta
−30
+80
°C
Storage temperature
Tstg
−40
+85
°C
Storage humidity
Hstg
5
95
%
Parameter
Symbol
Conditions
Value
Unit
Min.
Typ.
Max.
Current
consumption
ICC
VCC
= 2.8 V, Vt = 1.5 V

6.5*
mA
Frequency
fmin
VCC
= 2.8 V, Vt = 0.5 V

719.65*
MHz
Frequency
fmax
VCC
= 2.8 V, Vt = 2.5 V
758.65*

MHz
Control voltage
sensitivity
kv
(fmax
− fmin) / 2.0
25.0
31.0
37.0
MHz/V
Oscillator output
PO
VCC
= 2.8 V, Vt = 1.5 V
−4.0*
2.0*
dBm
C/N
C/N
VCC
= 2.8 V, Vt = 1.5 V,
Offset
= 25 kHz, BW = 1 Hz
108.0*

dBc/Hz
VCC
= 2.8 V, Vt = 1.5 V,
Offset
= 50 kHz, BW = 1 Hz
113.0*

dBc/Hz
VCC
= 2.8 V, Vt = 1.5 V,
Offset
= 100 kHz, BW = 1 Hz
118.0*

dBc/Hz
VCC
= 2.8 V, Vt = 1.5 V,
Offset
= 285 kHz, BW = 1 Hz
128.0*

dBc/Hz
VCC
= 2.8 V, Vt = 1.5 V,
Offset
= 900 kHz, BW = 1 Hz
138.0*

dBc/Hz
Higher harmonics
Hs
VCC
= 2.8 V, Vt = 1.5 V,
Up to 3rd

−10.0
dBc
Power supply
variation
Push
VCC
= 2.8 V ± 0.1 V,
Vt
= 1.5 V

±500
kHz
Load variation
Pull
VCC
= 2.8 V, Vt = 1.5 V,
VSWR
= 2 ALL PHASE

±500
kHz
Temperature drift
Td
Ta
= +25 °C ± 55 °C

±3000*
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com