Electronic Components Datasheet Search
  English  ▼

X  

TLC3704CPWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704CPWRG4
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CPWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC3704CPWRG4 Datasheet HTML 6Page - Texas Instruments TLC3704CPWRG4 Datasheet HTML 7Page - Texas Instruments TLC3704CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC3704CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC3704CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC3704CPWRG4 Datasheet HTML 11Page - Texas Instruments TLC3704CPWRG4 Datasheet HTML 12Page - Texas Instruments TLC3704CPWRG4 Datasheet HTML 13Page - Texas Instruments TLC3704CPWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
circuit-design considerations (continued)
Figure 2
VDD
VDD + 4
VDD + 8
VDD + 12
VI − Input Voltage − V
INPUT CURRENT
vs
INPUT VOLTAGE
TA = 25° C
8
7
6
5
4
3
2
1
0
Figure 3
VDD − 0.3
VI − Input Voltage − V
INPUT CURRENT
vs
INPUT VOLTAGE
TA = 25° C
VDD − 0.5
VDD − 0.7
VDD − 0.9
10
9
8
7
6
5
4
3
2
1
0
+
−
1/2
TLC3704
Vref
VI
VDD
See Note A
RI
NOTE A: If the correct input state is required when the negative input exceeds GND, a Schottky clamp is required.
Negative Voltage Input Current Limit :
R
I +
* V
I * VDD * (* 0.3 V)
5mA
R
I +
V
I * VDD * 0.3 V
5mA
Positive Voltage Input Current Limit :
Figure 4. Typical Input Current-Limiting Configuration for a LinCMOS Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com