Electronic Components Datasheet Search
  English  ▼

X  

1N4148WS Datasheet(PDF) 2 Page - General Semiconductor

Part # 1N4148WS
Description  SMALL SIGNAL DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1N4148WS Datasheet(HTML) 2 Page - General Semiconductor

  1N4148WS Datasheet HTML 1Page - General Semiconductor 1N4148WS Datasheet HTML 2Page - General Semiconductor 1N4148WS Datasheet HTML 3Page - General Semiconductor 1N4148WS Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4148W, 1N4148WS
ELECTRICAL CHARACTERISTICS
Ratings at 25 ¡C ambient temperature unless otherwise specified
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward Voltage at IF=10 mA
VF
Ð
Ð
1.0
Volts
Leakage Current
at VR = 20 V
IR
Ð
Ð
25
nA
at VR = 75 V
IR
Ð
Ð
5.0
mA
at VR = 20 V, Tj = 150 ¡C
IR
ÐÐ
50
mA
Capacitance
at VF = VR = 0 V
Ctot
ÐÐ
4
pF
Voltage Rise when Switching On
tested with 50 mA Pulses
Vfr
Ð
Ð
2.5
Volts
tp = 0.1
ms, Rise Time < 30ns, fp = 5 to 100 kHZ
Reverse Recovery Time
from IF = 10 mA to IR = 1mA,
trr
ÐÐ
4
ns
VR = 6 V, RL = 100
W
Thermal Resistance Junction to Ambient Air
1N4148W
RthJA
Ð
Ð
450(2)
¡C/W
1N4148WS
RthJA
Ð
Ð
650(2)
¡C/W
Rectification Efficiency
h
v
0.45
Ð
Ð
Ð
at f = 100 MHZ, VRF = 2 V
NOTES::
(2) Valid provided that electrodes are kept at ambient temperature
Rectification Efficiency Measurement Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com