Electronic Components Datasheet Search
  English  ▼

X  

LM360 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM360
Description  LM160QML High Speed Differential Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM360 Datasheet(HTML) 1 Page - Texas Instruments

  LM360 Datasheet HTML 1Page - Texas Instruments LM360 Datasheet HTML 2Page - Texas Instruments LM360 Datasheet HTML 3Page - Texas Instruments LM360 Datasheet HTML 4Page - Texas Instruments LM360 Datasheet HTML 5Page - Texas Instruments LM360 Datasheet HTML 6Page - Texas Instruments LM360 Datasheet HTML 7Page - Texas Instruments LM360 Datasheet HTML 8Page - Texas Instruments LM360 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM160QML
www.ti.com
SNOSAR0A – NOVEMBER 2010 – REVISED MARCH 2013
LM160QML High Speed Differential Comparator
Check for Samples: LM160QML
1
FEATURES
DESCRIPTION
The LM160 is a very high speed differential input,
2
•
Ensured High Speed: 20nS max
complementary TTL output voltage comparator with
•
Tight Delay Matching on Both Outputs
improved characteristics over the
μA760/μA760C, for
•
Complementary TTL Outputs
which it is a pin-for-pin replacement. The device has
been optimized for greater speed, input impedance
•
High Input Impedance
and fan-out, and lower input offset voltage. Typically
•
Low Speed Variation with Overdrive Variation
delay varies only 3nS for overdrive variations of 5mV
•
Fan-Out of 4
to 400mV.
•
Low Input Offset Voltage
Complementary outputs having minimum skew are
•
Series 74 TTL Compatible
provided. Applications involve high speed analog to
digital convertors and zero-crossing detectors in disk
file systems.
Connection Diagrams
Figure 1. Metal Can Package
See Package Number LMC0008C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM360

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM360 NSC-LM360 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
Texas Instruments
LM360 TI1-LM360 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
LM360 TI2-LM360 Datasheet
576Kb / 17P
LM160/LM360 High Speed Differential Comparator
REVISED MARCH 2013
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010YKBR TI1-LM36010YKBR Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results

Similar Description - LM360

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
High-speed dual-differential comparator/sense amp
August 31, 1994
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
High Speed Differential Comparator
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
LM160QML High Speed Differential Comparator
LM160 TI1-LM160_14 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com