Electronic Components Datasheet Search
  English  ▼

X  

PE6221 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6221
Description  High Power 100 Watts RF Load Up To 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6221 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6221 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6221 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6221 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Connector Specification
MIL-STD-348
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 8
Impedance, Ohms
50
Maximum VSWR
1.5:1
Maximum Input Power, Watts
100
Peak Power, KWatts
2
Frequency 1
Frequency, GHz
DC to 2
VSWR
1.2:1
Frequency 2
Frequency, GHz
2 to 4
VSWR
1.35:1
Frequency 3
Frequency, GHz
4 to 6
VSWR
1.45:1
Frequency 4
Frequency, GHz
6 to 8
VSWR
1.5:1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
.
Color
Black
Connector
Type
N Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6221
PE6221 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power 100 Watts RF Load Up To 8 GHz With N Male Input Conduction Cooled Body
Black Anodized Aluminum Heatsink
PE6221
High Power 100 Watts RF Load Up To 8 GHz With N Male Input
Conduction Cooled Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6220 PASTERNACK-PE6220 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6222 PASTERNACK-PE6222 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6223 PASTERNACK-PE6223 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6224 PASTERNACK-PE6224 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With TNC
PE6225 PASTERNACK-PE6225 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With 7/16 DIN
More results

Similar Description - PE6221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6829 PASTERNACK-PE6829 Datasheet
215Kb / 2P
100 Watts WR-42 RF Load Up To 26.5 GHz
PE6219 PASTERNACK-PE6219 Datasheet
256Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6220 PASTERNACK-PE6220 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6222 PASTERNACK-PE6222 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6223 PASTERNACK-PE6223 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6224 PASTERNACK-PE6224 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With TNC
PE6225 PASTERNACK-PE6225 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6226 PASTERNACK-PE6226 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6137 PASTERNACK-PE6137_14 Datasheet
212Kb / 3P
High Power 100 Watts RF Load Up To 2 GHz
PE6168 PASTERNACK-PE6168_14 Datasheet
217Kb / 3P
High Power 100 Watts RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com