Electronic Components Datasheet Search
  English  ▼

X  

RP0007 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RP0007
Description  HIGH CURRENT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RP0007 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RP0007 Datasheet HTML 1Page - Solid States Devices, Inc RP0007 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Value
Unit
Instantaneous Forward Voltage Drop
((IF = 400 Amp Pulse, TJ = 25
oC)
VF
1.15
Volts
Instantaneous Forward Voltage Drop
(IF = 400 Amp Pulse, TJ = 175
oC)
VF
1.10
Volts
Reverse Leakage Current
(Rated VR pulse, TJ = 25
oC)
IR
2
mA
Reverse Leakage Current, Per Leg
(Rated VR pulse, TJ = 175
oC)
IR
40
mA
Reverse Recovery Time
(IFM = 400 A, VR =400 V, di/dt = -25 µs, RS = 10Ω, CS = 0.5 µF, TA = 25
oC)
trr
25
µsec
CASE OUTLINE: DO-9
*For information on curves, contact the Factory Representative for Engineering Assistance.
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR9400S10
thru
SDR9400S20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com