Electronic Components Datasheet Search
  English  ▼

X  

PE6235 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6235
Description  Low Power 1 Watts RF Load Up To 65 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6235 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6235 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6235 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
1.85mm Male
Heat Sink
Passivated Stainless Steel
Connection Method
Standard
Body Style
Straight
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
65
GHz
Impedance
50
Ohms
VSWR
1.45:1
Input Power
1
Watts
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 18
18 to 40
40 to 65
GHz
VSWR
1.2:1
1.3:1
1.45:1
.
Mechanical Specifications
Temperature
Operating Range
-55 to +100 deg C
Size
Length
0.61 in [15.49 mm]
Width/Dia.
0.31 in [7.87 mm]
.
Connector
Type
1.85mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-PRF-39012
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
PE6235
PE6235 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Power 1 Watts RF Load Up To 65 GHz With 1.85mm Male Input Passivated Stainless
Steel PE6235
Low Power 1 Watts RF Load Up To 65 GHz With
1.85mm Male Input Passivated Stainless Steel


Similar Part No. - PE6235

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6235 PASTERNACK-PE6235 Datasheet
439Kb / 4P
1 Watt RF Load Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
PE6235 PASTERNACK-PE6235_16 Datasheet
439Kb / 4P
1 Watt RF Load Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
More results

Similar Description - PE6235

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6812 PASTERNACK-PE6812 Datasheet
207Kb / 2P
1 Watts Precision WR-51 RF Load Up To 22 GHz
PE6203 PASTERNACK-PE6203 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6221 PASTERNACK-PE6221 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6236 PASTERNACK-PE6236 Datasheet
320Kb / 2P
Low Power 1 Watts RF Load With Chain Up To 65 GHz
PE6243 PASTERNACK-PE6243 Datasheet
308Kb / 2P
Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input
PE6137 PASTERNACK-PE6137_14 Datasheet
212Kb / 3P
High Power 100 Watts RF Load Up To 2 GHz
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com