Electronic Components Datasheet Search
  English  ▼

X  

PE6236 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6236
Description  Low Power 1 Watts RF Load With Chain Up To 65 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6236 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6236 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6236 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
1.85mm Male
Heat Sink
Passivated Stainless Steel
Connection Method
Standard
Body Style
Straight
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
65
GHz
Impedance
50
Ohms
VSWR
1.45:1
Input Power
1
Watts
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 18
18 to 40
40 to 65
GHz
VSWR
1.2:1
1.3:1
1.45:1
.
Mechanical Specifications
Temperature
Operating Range
-55 to +100 deg C
Size
Length
0.61 in [15.49 mm]
Width/Dia.
0.31 in [7.87 mm]
.
Connector
Type
1.85mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-PRF-39012
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
PE6236
PE6236 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Power 1 Watts RF Load With Chain Up To 65 GHz With 1.85mm Male Input Passivated
Stainless Steel PE6236
Low Power 1 Watts RF Load With Chain Up To 65 GHz
With 1.85mm Male Input Passivated Stainless Steel


Similar Part No. - PE6236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6236 PASTERNACK-PE6236 Datasheet
424Kb / 4P
1 Watt RF Load With Chain Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
PE6236 PASTERNACK-PE6236_16 Datasheet
424Kb / 4P
1 Watt RF Load With Chain Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
More results

Similar Description - PE6236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6086 PASTERNACK-PE6086 Datasheet
350Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz
PE6088 PASTERNACK-PE6088 Datasheet
354Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load With Chain Up To 40 GHz
PE6177 PASTERNACK-PE6177 Datasheet
358Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up with Chain To 40 GHz
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6235 PASTERNACK-PE6235 Datasheet
317Kb / 2P
Low Power 1 Watts RF Load Up To 65 GHz
PE6228 PASTERNACK-PE6228 Datasheet
203Kb / 3P
Medium Power 25 Watts RF Load Up To 3 GHz With
PE6243 PASTERNACK-PE6243 Datasheet
308Kb / 2P
Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input
PE6174 PASTERNACK-PE6174_16 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
PE6179 PASTERNACK-PE6179_16 Datasheet
443Kb / 4P
1 Watt RF Load with Chain Up to 50 GHz
PE6236 PASTERNACK-PE6236_16 Datasheet
424Kb / 4P
1 Watt RF Load With Chain Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com