Electronic Components Datasheet Search
  English  ▼

X  

RS0002H Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0002H
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0002H Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0002H Datasheet HTML 1Page - Solid States Devices, Inc RS0002H Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0002H
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Maximum
Typical
Unit
Instantaneous Forward Voltage Drop
(IF =5 ADC, 300-500 sec Pulse)
TA = -55
oC
TA = 25
oC
TA = 125
oC
VF1
VF2
VF3
-
0.52
-
0.58
0.48
0.36
VDC
Instantaneous Forward Voltage Drop
(IF =10 ADC, 300-500 sec Pulse)
TA = -55
oC
TA = 25
oC
TA = 125
oC
VF4
VF5
VF6
-
0.56
0.49
0.62
0.54
0.44
VDC
Instantaneous Forward Voltage Drop
(IF =20 ADC, 300-500 sec Pulse)
TA = -55
oC
TA = 25
oC
TA = 125
oC
VF7
VF8
VF9
-
0.69
-
0.69
0.64
0.57
VDC
Reverse Leakage Current
(Rated VR, 300 sec pulse minimum)
TA = 25
oC
TA = 100
oC
TA = 125
oC
IR1
IR2
IR3
0.25
-
25
0.02
3
18
mA
Junction Capacitance
(TA = 25
oC, f = 1 MHz)
VR = 5V
VR = 10V
CJ1
CJ2
900
-
780
580
pF
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SED10HB45, SED10HE45
and SED10HF45
CASE OUTLINE: SED10HB45
CASE OUTLINE: SED10HE45
CASE OUTLINE: SED10HF45
.125±.020
.125
±.020



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com