Electronic Components Datasheet Search
  English  ▼

X  

RS0061 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0061
Description  POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0061 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0061 Datasheet HTML 1Page - Solid States Devices, Inc RS0061 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0
25
50
75
100
125
150
175
200
SOLID STATE DEVICES, INC.
Electrical Characteristics (per Leg)
SYMBOL
UNITS
VF4
MAXIMUM
SSR8045CT/3
IR1
IR2
µµµµµA
mA
400
30
Reverse Leakage Current
(Rated VR, 300µs pulse min.)
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300
µsec Pulse )
0.50
0.58
0.72
VDC
VF1
VF2
VF3
Instantaneous Forward Voltage Drop
(IF = 20 A, TA = -55
oC, 300
µsec pulse )
0.65
VDC
CJ
pF
1600
Junction Capacitance
(VR = 10VDC, TA = 25
oC, f = 1MHz)
MINIMUM
--
--
--
--
--
--
--
IF = 10A
IF = 20A
IF = 40A
TA = 25
oC
TC = 100
oC
PIN ASSIGNMENT
PIN 2
CASE
Cathode
PIN 1
FUNCTION
CODE
Anode
Anode
Common Cathode
--
CASE OUTLINE: TO-3
TYPICAL OPERATING CURVES
(TA = 25
oC unless otherwise specified)
END TAB TEMPERATURE (oC)
140oC
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Anode
Cathode
Cathode
Common Anode
--
Common
Cathode
Anode
Doubler
--



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com