Electronic Components Datasheet Search
  English  ▼

X  

454303 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 454303
Description  Schneidklemmterminal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

454303 Datasheet(HTML) 1 Page - ERNI Electronics

  454303 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12,5
60
330
Verpackungseinheit: 2000 Stück -
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Packaging unit: 2000 pcs
Abspulrichtung -
Reel off Direction
*AWG 22/7 D 1,3 with cable stop
*AWG 22/7 D 1,3 mit Kabelanschlag
richtig
Montagehinweis
(90°±5°)
!
Assembly Instruction
correct
It is important to ensure that the cable is cut off perpendicular
Es ist darauf zu achten, dass das Kabel senkrecht (90°±5°) abgeschnitten wird!
falsch
false
I
Class
A3
prior notice.
contact one of the ERNI companies
Date
10.02.2012
Index
IDC-TERM
IDC-Terminal*
Schneidklemmterminal*
454303
10:1
Information:
Tolerances
before using.
Drawing will not be updated.
All Dimensions
www.ERNI.com
Scale
Subject to modification without
Designation
in mm
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Terminal verpresst
Terminal pressed
Leiterplatte
PCB
8
Leiterplatten-Layout Vorschlag
PCB-Layout Proposal
2,8
1,7
2,1
2,6
3,3
1,7
2,6
1,3
3,6
3,3
2,6


Similar Part No. - 454303

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45430-3 ALPHAWIRE-45430-3 Datasheet
395Kb / 4P
8 (16/30) AWG Tinned Copper
45430-4 ALPHAWIRE-45430-4 Datasheet
395Kb / 4P
18 (16/30) AWG Tinned Copper
45430-5 ALPHAWIRE-45430-5 Datasheet
395Kb / 4P
18 (16/30) AWG Tinned Copper
45430-7 ALPHAWIRE-45430-7 Datasheet
395Kb / 4P
18 (16/30) AWG Tinned Copper
45430-9 ALPHAWIRE-45430-9 Datasheet
395Kb / 4P
18 (16/30) AWG Tinned Copper
More results

Similar Description - 454303

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
384980 ERNI-384980 Datasheet
48Kb / 1P
Schneidklemmterminal
444347 ERNI-444347 Datasheet
47Kb / 1P
Schneidklemmterminal
454302 ERNI-454302 Datasheet
39Kb / 1P
Schneidklemmterminal
100102200001 ERNI-100102200001 Datasheet
47Kb / 1P
Schneidklemmterminal
100101090004 ERNI-100101090004 Datasheet
47Kb / 1P
Schneidklemmterminal
100103210138 ERNI-100103210138 Datasheet
42Kb / 1P
schneidklemmterminal
100203210138 ERNI-100203210138 Datasheet
45Kb / 1P
Schneidklemmterminal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com