Electronic Components Datasheet Search
  English  ▼

X  

LP-CC-1 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # LP-CC-1
Description  LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LP-CC-1 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  LP-CC-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. LP-CC-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. LP-CC-1 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0813
BU-SB13XXX
Page 1 of 3
Data Sheet # 1023
Low-Peak™ Class CC
LP-CC — 600Vac/300Vdc, 1⁄2-30A Time-Delay Fuses
Description: Ultimate protection Class CC current-limiting,
time-delay fuses. Time-delay – 12 seconds (minimum) at
200% of rated current.
Catalog Symbol: LP-CC-(amp)
Ratings:
Volts — 600Vac,
— 300Vdc (1⁄2-28⁄10A, 20-30A)
— 150Vdc (3-15A)
Amps — 1⁄2-30A
IR — 200kA Vac RMS Sym.
— 20kA Vdc
Agency Information:
CE, Std. 248-4, Class CC, UL Listed, Guide JDDZ, File E4273
CSA Certified; Class 1422-02, File 53787
Catalog Numbers (amps)
LP-CC-1⁄2
LP-CC-11⁄2
LP-CC-3
LP-CC-6
LP-CC-12
LP-CC-6⁄10
LP-CC-16⁄10
LP-CC-32⁄10
LP-CC-61⁄4 LP-CC-15
LP-CC-8⁄10
LP-CC-18⁄10
LP-CC-31⁄2
LP-CC-7
LP-CC-20
LP-CC-1
LP-CC-2
LP-CC-4
LP-CC-71⁄2 LP-CC-25
LP-CC-11⁄8 LP-CC-21⁄4
LP-CC-41⁄2
LP-CC-8
LP-CC-30
LP-CC-11⁄4 LP-CC-21⁄2
LP-CC-5
LP-CC-9
LP-CC-14⁄10 LP-CC-28⁄10
LP-CC-56⁄10
LP-CC-10
Carton Quantity:
Amp Rating
Carton Qty.
0-30
10
Features:
• 200kA interrupting rating complies with NEC® Section 110.9
for today's large capacity systems.
• Fast short-circuit protection and dual-element, time-delay
performance provide ultimate protection.
• Reduces existing fuse inventory by up to 33% when
upgrading to Low-Peak fuses.
• Consistent 2:1 ampacity ratios for all Low-Peak fuses make
selective coordination easy.
• Time-delay characteristic avoids unwanted fuse openings
from surge currents while fast response speed under short-
circuit conditions provides a high degree of current
limitation.
• Current-limitation protects downstream components against
damaging thermal and magnetic effects of short-circuit
currents.
• A superior, all-purpose, space-saving branch circuit fuse
that meets most protection requirements up to 30A.
• Very compact, with a physical size only 13⁄32" x 11⁄2"
(10.3 x 38.1mm) with rejction tip.
• Proper sizing can provide "no damage" Type 2 coordinated
protection for NEMA and IEC motor controllers.
• Can be used where either a time-delay or a fast-acting fuse
is needed, making selection easier and reducing spare fuse
inventories for substantial cost reduction.
• Superior protection for small horsepower motor circuits.
Recommended Fuse Blocks and Holders
Fuse Amps
1-Pole
2-Pole
3-Pole
Open Blocks
0-30
BC6031_
BC6032_
BC6033_
DIN-Rail Holders
CHCC1D_
CHCC2D_
CHCC3D_
0-30
——
OPM-NG-_
——
OPM-1038_
——
OPM-1038_SW
Panel Mount Holders
0-30
HPS
——
HPF
——
In-Line Holders
0-30
—
HEY
—
HEZ
——
For additional information on the Class CC fuse blocks and
holders, see data sheets:
• Open Blocks # 1105 (BC Series)
• DIN-Rail Holders # 3185 (CHCC), # 1109 (OPM),
# 1102 (OPM-1038), 1103 (OPM-1038_SW),
• Panel Mount Holders # 2113 (HPS), # 2114 (HPF)
• In-Line Holders # 2126 (HEY), # 2130 (HEZ)
1.5" (± 0.031)
(38.1mm)
0.41" (± 0.005)
(10.3mm)
Dimensions - in (mm)


Similar Part No. - LP-CC-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC-1 EATON-LP-CC-1 Datasheet
775Kb / 4P
Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
logo
Cooper Bussmann, Inc.
LP-CC-1-1/2 COOPER-LP-CC-1-1/2 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC-1-1/2 EATON-LP-CC-1-1/2 Datasheet
775Kb / 4P
Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
logo
Cooper Bussmann, Inc.
LP-CC-1-1/4 COOPER-LP-CC-1-1/4 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
More results

Similar Description - LP-CC-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
CC-TRON Time-Delay Fuses
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FNQ-R-4 COOPER-FNQ-R-4 Datasheet
325Kb / 5P
FNQ-R . 600Vac, 1.4-30A, Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com