Electronic Components Datasheet Search
  English  ▼

X  

M2011 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # M2011
Description  Miniature Toggles
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M2011 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button M2011 Datasheet HTML 4Page - List of Unclassifed Manufacturers M2011 Datasheet HTML 5Page - List of Unclassifed Manufacturers M2011 Datasheet HTML 6Page - List of Unclassifed Manufacturers M2011 Datasheet HTML 7Page - List of Unclassifed Manufacturers M2011 Datasheet HTML 8Page - List of Unclassifed Manufacturers M2011 Datasheet HTML 9Page - List of Unclassifed Manufacturers M2011 Datasheet HTML 10Page - List of Unclassifed Manufacturers M2011 Datasheet HTML 11Page - List of Unclassifed Manufacturers M2011 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Series M
Bushing Mount Miniature Toggles
www.nkk.com
A59
A
(1.78)
.070
STANDARD HARDWARE FOR SMALL & LARGE BUSHINGS
OPTIONAL SPLASHPROOF BOOTS
AT513H for Inch
AT513M for Metric
Hex Nut
Brass/Nickel
AT507H for Inch
AT507M for Metric
Locking Ring
Steel with Zinc/Chromate
AT509
Lockwasher
Steel with Zinc/Chromate
(not supplied with
splashproof models)
AT516
O-ring for
Splashproof Models
Nitrile Butadiene Rubber
AT503M
Hex Face Nut
Brass/Chrome
AT506M
Locking Ring
Steel with Zinc/Chromate
AT508
Lockwasher
Steel with Zinc/Chromate
(not supplied with
splashproof models)
AT527M
Hex Nut
Steel with
Nickel Plating
AT401P
O-ring for Splashproof
Models
Nitrile butadiene rubber
Various optional nuts and ON-OFF plates are available; dimensions are shown in the Accessories & Hardware section.
AT428 (M-metric H-Inch)
.445” (11.3mm)
Boot for S Toggle
Silicon Rubber
AT402S
.567” (14.4mm)
Boot for B Toggle
Silicon Rubber
(8.0)
.315
1/4-40 Thd or
M6 P0.75
(9.0)
.354
(1.5)
.059
(5.5) or
.229
(6.0) Dia or
.250
(12.0) Dia
.472
(2.0)
.079
(1.7)
.067
(0.8)
.031
(6.4) Dia
.252
(10.2) Dia
.402
(0.5)
.020
(9.63) Dia
.379
(6.07) Dia
.239
(16.0)
.630
(2.4)
.094
(2.8)
.110
(11.5)
.453
(18.2) Dia
.717
(12.1) Dia
.476
(1.0)
.039
(2.8)
.110
(9.5)
.374
(12.1)
.476
(15.8) Dia
.622
(13.8) Dia
.543
(0.5)
.020
(1.0)
.039
(14.0)
.551
M12 P1
(16.0)
.630
(2.0)
.079
(12.1) Dia
.476
(17.5) Dia
.689
(1.5)
.059
(9.8)
.386
(11.3)
.445
(14.3)
.563
(1.57)
.062
(2.0)
.079
(2.5)
.098
~
(10.8)
.425
(4.6) Dia
.181
(6.7) Dia
.264
(14.4)
.567
(10.4)
.409
(18.9)
.744
(8.0) Dia
.315
(12.4) Dia
.488
(18.0) Dia
.709
(3.0)
.118
(3.5)
.138
~
(1.57)
.062
(0.5)
.020
(23.8)
.937
(19.3)
.760
(15.3)
.602
(8.0) Dia
.315
(12.4) Dia
.488
(18.0) Dia
.709
(3.0)
.118
(3.5)
.138
~
(1.57)
.062
(0.5)
.020
(14.3)
.563
M12 P1
AT401A/H/S
.461” (11.7mm)
Boot, Nut and O-ring for B2 Toggle
More details in Accessories section
AT4181
.732” (18.6mm)
Boot, Nut and O-ring for B2 Toggle
More details in Accessories section
AT402
.760” (19.3mm)
Boot for B2 Toggle
Silicon Rubber
(8.0) Dia
.315
(24.3)
.957
(14.8)
.583
(18.6)
.732
(13.8) Dia
.543
(21.5) Dia
.846
(4.57)
.180
(6.3)
.248
~
(1.57)
.062
(1.0)
.039
(16.0) Dia
.630
(11.7)
.461
(10.0)
.394
(13.2)
.520
(17.0) Dia
.669
(17.5) Dia
.689
(3.5)
.138
(5.5)
.217
~
(1.57)
.062



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com