Electronic Components Datasheet Search
  English  ▼

X  

2N4403 Datasheet(PDF) 3 Page - General Semiconductor

Part # 2N4403
Description  SMALL SIGNAL TRANSISTORS (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

2N4403 Datasheet(HTML) 3 Page - General Semiconductor

  2N4403 Datasheet HTML 1Page - General Semiconductor 2N4403 Datasheet HTML 2Page - General Semiconductor 2N4403 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2N4403
ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
MIN.
MAX.
UNIT
Small Signal Current Gain
at ÐVCE = 10 V, ÐIC = 1 mA, f = 1 kHz
hfe
60
500
Ð
Output Admittance
at ÐVCE = 10 V, ÐIC = 1 mA, f = 1 kHz
hoe
1.0
100
mS
Delay Time (see Fig. 1)
at ÐIB1 = 15 mA, ÐIC = 150 mA, ÐVCC = 30V, ÐVEB = 2V
td
Ð15
ns
Rise Time (see Fig. 1)
at ÐIB1 = 15 mA, ÐIC = 150 mA, ÐVCC = 30V, ÐVEB = 2V
tr
Ð20
ns
Storage Time (see Fig. 2)
at IB1 = ÐIB2 = 15 mA, ÐIC = 150 mA, ÐVCC = 30V
ts
Ð
225
ns
Fall Time (see Fig. 2)
at IB1 = ÐIB2 = 15 mA, ÐIC = 150 mA, ÐVCC = 30V,
tf
Ð30
ns
1.0 to 100
ms Duty Cycle - 2%
0
200
W
< 20 ns
-30V
+14 V
-16 V
+4 V
1.0 to 100
ms Duty Cycle - 2%
0
C
< 10 pF
S*
200
W
< 2 ns
-30V
+2 V
-16 V
+4 V
1k
W
1k
W
Scope rise time - 4ns
*Total shunt capacitance of test jig,
connectors and oscilloscope
C
< 10 pF
S
*
SWITCHING TIME EQUIVALENT TEST CIRCUIT
FIGURE 1 - TURN-ON TIME
FIGURE 2 - TURN-OFF TIME



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com