Electronic Components Datasheet Search
  English  ▼

X  

PE2085 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2085
Description  50 Ohm 2 Way SMA Wilkinson Power Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2085 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2085 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2085 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 2 Way SMA Wilkinson Power Divider From 500 MHz to 2 GHz Rated at 30 Watts
Configuration
Input Connector
SMA Female
Output Connectors
SMA Female
Frequency Range, GHz
0.5 to 2
Design
Wilkinson
Number of Output Ports
2
Electrical Specifications
Frequency Range, GHz
0.5 to 2
Impedance, Ohms
50
Maximum Insertion Loss, dB
0.5
Maximum Input Power, Watts
30
Maximum Input VSWR
1.25:1
Maximum Output VSWR
1.2:1
Minimum Isolation, dB
20
Phase Balance, Degrees
±
2
Flatness, dB
0.2
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +85
Storage Range, deg C
-55 to +100
Size
Length, in [mm]
2.13 [54.1]
Width, in [mm]
1.1 [27.94]
Height, in [mm]
0.39 [9.91]
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm 2 Way SMA Wilkinson Power Divider From 500 MHz to 2 GHz Rated at 30 Watts from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% avail-
ability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 2 Way SMA Wilkinson Power Divider From 500 MHz to 2 GHz Rated at 30 Watts PE2085
URL: http://www.pasternack.com/2-way-sma-wilkinson-power-divider-500-mhz-2-ghz-30-watts-pe2085-p.aspx
PE2085
PE2085 REV 1.0
50 Ohm 2 Way SMA Wilkinson Power Divider
From 500 MHz to 2 GHz Rated at 30 Watts


Similar Part No. - PE2085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
More results

Similar Description - PE2085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2086 PASTERNACK-PE2086 Datasheet
243Kb / 2P
50 Ohm 8 Way SMA Wilkinson Power Divider
PE2087 PASTERNACK-PE2087 Datasheet
240Kb / 2P
50 Ohm 4 Way SMA Wilkinson Power Divider
PE2088 PASTERNACK-PE2088 Datasheet
521Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider
PE2089 PASTERNACK-PE2089 Datasheet
259Kb / 3P
50 Ohm 4 Way SMA Wilkinson Power Divider
PE2090 PASTERNACK-PE2090 Datasheet
520Kb / 3P
50 Ohm 3 Way SMA Wilkinson Power Divider
PE2091 PASTERNACK-PE2091 Datasheet
259Kb / 3P
50 Ohm 8 Way SMA Wilkinson Power Divider
PE2092 PASTERNACK-PE2092 Datasheet
259Kb / 3P
50 Ohm 2 Way N Wilkinson Power Divider
PE2093 PASTERNACK-PE2093 Datasheet
261Kb / 3P
50 Ohm 3 Way N Wilkinson Power Divider
PE2094 PASTERNACK-PE2094 Datasheet
261Kb / 3P
50 Ohm 4 Way N Wilkinson Power Divider
PE2095 PASTERNACK-PE2095 Datasheet
264Kb / 3P
50 Ohm 8 Way N Wilkinson Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com