Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 1 Page - General Semiconductor

Part # 2N7002
Description  DMOS Transistors (N-Channel)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

2N7002 Datasheet(HTML) 1 Page - General Semiconductor

  2N7002 Datasheet HTML 1Page - General Semiconductor 2N7002 Datasheet HTML 2Page - General Semiconductor 2N7002 Datasheet HTML 3Page - General Semiconductor 2N7002 Datasheet HTML 4Page - General Semiconductor 2N7002 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
DMOS Transistors (N-Channel)
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Pin configuration
1 = Gate, 2 = Source, 3 = Drain
SOT-23
4/98
2N7002
Marking
S72
Inverse Diode
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage
VDGS
60
V
Gate-Source-Voltage (pulsed)
VGS
±20
V
Drain Current (continuous)
ID
250
mA
Power Dissipation at TC = 50 °C
Ptot
0.3101)
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–55 to +150
°C
1) Ceramic Substrate 0.7mm; 2.5 cm2 area.
Symbol
Value
Unit
Max. Forward Current (continuous)
at Tamb = 25 °C
IF
0.3
A
Forward Voltage Drop (typ.)
at VGS = 0, IF = 0.3 A, Tj = 25 °C
VF
0.85
V
♦ High input impedance
♦ High-speed switching
♦ No minority carrier storage time
♦ CMOS logic compatible input
♦ No minority carrier storage time
♦ CMOS logic compatible input
♦ No thermal runaway
♦ No secondary breakdown


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7002 SUTEX-2N7002 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N7002 VISHAY-2N7002 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
logo
Zetex Semiconductors
2N7002 ZETEX-2N7002 Datasheet
25Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N7000 GE-2N7000 Datasheet
232Kb / 5P
DMOS Transistors (N-Channel)
BS108 GE-BS108 Datasheet
227Kb / 5P
DMOS Transistors (N-Channel)
BS109 GE-BS109 Datasheet
37Kb / 2P
DMOS Transistors (N-Channel)
BS123 GE-BS123 Datasheet
38Kb / 2P
DMOS Transistors (N-Channel)
BS170 GE-BS170 Datasheet
233Kb / 5P
DMOS Transistors (N-Channel)
BS208 GE-BS208 Datasheet
238Kb / 5P
DMOS Transistors (P-Channel)
BS223 GE-BS223 Datasheet
37Kb / 2P
DMOS Transistors (P-Channel)
BS809 GE-BS809 Datasheet
50Kb / 2P
DMOS Transistors (N-Channel)
BS828 GE-BS828 Datasheet
238Kb / 5P
DMOS Transistors (N-Channel)
BS870 GE-BS870 Datasheet
236Kb / 5P
DMOS Transistors (N-Channel)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com