Electronic Components Datasheet Search
  English  ▼

X  

PE2089 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2089
Description  50 Ohm 4 Way SMA Wilkinson Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2089 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2089 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2089 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2089 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 4 Way SMA Wilkinson Power Divider From 690 MHz to 2.7 GHz Rated at 10 Watts
Configuration
Input Connector
SMA Female
Input Connector Specification
MIL-STD-348
Output Connectors
SMA Female
Output Connectors Specification
MIL-STD-348
Frequency Range, GHz
0.69 to 2.7
Design
Wilkinson
Number of Output Ports
4
Housing Material and Plating
Aluminum
Electrical Specifications
Frequency Range, GHz
0.69 to 2.7
Impedance, Ohms
50
Maximum Insertion Loss, dB
1
Maximum Input Power, Watts
10
Maximum Input VSWR
1.35:1
Maximum Output VSWR
1.25:1
Minimum Isolation, dB
22
Phase Balance, Degrees
±
4
Flatness, dB
0.2
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +85
Size
Length, in [mm]
4.22 [107.19]
Width, in [mm]
4 [101.6]
Height, in [mm]
0.75 [19.05]
.
Color
Blue
Input Connector
Contact Material and Plating
Beryllium Copper, Gold
Connector Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Output Connectors
Contact Material and Plating
Beryllium Copper, Gold
Connector Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 4 Way SMA Wilkinson Power Divider From 690 MHz to 2.7 GHz Rated at 10 Watts
PE2089
PE2089
PE2089 REV 1.0
50 Ohm 4 Way SMA Wilkinson Power Divider From
690 MHz to 2.7 GHz Rated at 10 Watts


Similar Part No. - PE2089

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
More results

Similar Description - PE2089

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2085 PASTERNACK-PE2085 Datasheet
239Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider
PE2086 PASTERNACK-PE2086 Datasheet
243Kb / 2P
50 Ohm 8 Way SMA Wilkinson Power Divider
PE2087 PASTERNACK-PE2087 Datasheet
240Kb / 2P
50 Ohm 4 Way SMA Wilkinson Power Divider
PE2088 PASTERNACK-PE2088 Datasheet
521Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider
PE2090 PASTERNACK-PE2090 Datasheet
520Kb / 3P
50 Ohm 3 Way SMA Wilkinson Power Divider
PE2091 PASTERNACK-PE2091 Datasheet
259Kb / 3P
50 Ohm 8 Way SMA Wilkinson Power Divider
PE2092 PASTERNACK-PE2092 Datasheet
259Kb / 3P
50 Ohm 2 Way N Wilkinson Power Divider
PE2093 PASTERNACK-PE2093 Datasheet
261Kb / 3P
50 Ohm 3 Way N Wilkinson Power Divider
PE2094 PASTERNACK-PE2094 Datasheet
261Kb / 3P
50 Ohm 4 Way N Wilkinson Power Divider
PE2095 PASTERNACK-PE2095 Datasheet
264Kb / 3P
50 Ohm 8 Way N Wilkinson Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com