Electronic Components Datasheet Search
  English  ▼

X  

PE5019-13 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5019-13
Description  Break-Over Torque Wrench With 1/4 Bit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5019-13 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5019-13 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5019-13 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Break-Over Torque Wrench With 1/4 Bit For SSMA Connectors Preset to 5 in-lbs
Pasternack’s PE5019-XX break-over torque wrenches allow accurate mating force when assembling and disassembling
a variety of RF coaxial connectors. The unique feature of break-over torque wrenches is that they will “break” at the pivot
point once the preset torque value force is achieved, effectively preventing the user from over tightening the coupling
nut on the connector. Our break-over torque wrenches are lab-quality tools made with a durable nickel-plated steel alloy
wrench head connected to a light weight, blue anodized aluminum handle. These RF torque wrenches are secured
inside a latched and labeled wooden box for proper storage. Each calibrated torque wrench is rated to MIL-STE-45662
standards and comes with a Certificate of Calibration.
• Lab-quality torque wrenches are designed to last even after continual use
• Each break-over torque wrench is rated to MIL-STE-45662 standards
• Torque wrench will “break” at the pivot point once torque value force is achieved
• Break-over design ensures that connectors are not over-torqued, which is possible with a click style torque wrench.
• Designed with a clearly labeled, blue anodized aluminum handle
• Each break-over torque wrench comes secured inside a labeled wooden box
Configuration
Design Type
Break-Over
Hex Size, inch
1/4
Torque Setting, in-lbs [Nm]
5 [0.57]
Torque Accuracy, in-lbs [Nm]
0.2 [0.02]
Weight, lbs [g]
0.4 [181.44
Handle Color
Blue
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Break-Over Torque Wrench With 1/4 Bit For SSMA Connectors Preset to 5 in-lbs from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Break-Over Torque Wrench With 1/4 Bit For SSMA Connectors Preset to 5 in-lbs PE5019-13
URL: http://www.pasternack.com/break-over-torque-wrench-1-4-bit-ssma-5in-lbs-pe5019-13-p.aspx
PE5019-13
PE5019-13 REV 1.0
Break-Over Torque Wrench With 1/4 Bit For
SSMA Connectors Preset to 5 in-lbs


Similar Part No. - PE5019-13

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5019-1 PASTERNACK-PE5019-1 Datasheet
248Kb / 2P
Break-Over Torque Wrench With 5/16 Bit
PE5019-10 PASTERNACK-PE5019-10 Datasheet
252Kb / 2P
Break-Over Torque Wrench With 5/8 Bit
PE5019-11 PASTERNACK-PE5019-11 Datasheet
246Kb / 2P
Break-Over Torque Wrench With 15/64 Bit
PE5019-12 PASTERNACK-PE5019-12 Datasheet
247Kb / 2P
Break-Over Torque Wrench With 5/32 Bit
PE5019-14 PASTERNACK-PE5019-14 Datasheet
245Kb / 2P
Break-Over Torque Wrench With 1/4 Bit
More results

Similar Description - PE5019-13

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5019-1 PASTERNACK-PE5019-1 Datasheet
248Kb / 2P
Break-Over Torque Wrench With 5/16 Bit
PE5019-2 PASTERNACK-PE5019-2 Datasheet
248Kb / 2P
Break-Over Torque Wrench With 5/16 Bit
PE5019-3 PASTERNACK-PE5019-3 Datasheet
253Kb / 2P
Break-Over Torque Wrench With 3/4 Bit
PE5019-4 PASTERNACK-PE5019-4 Datasheet
252Kb / 2P
Break-Over Torque Wrench With 3/4 Bit
PE5019-5 PASTERNACK-PE5019-5 Datasheet
253Kb / 2P
Break-Over Torque Wrench With 20mm Bit
PE5019-6 PASTERNACK-PE5019-6 Datasheet
252Kb / 2P
Break-Over Torque Wrench With 25/32 Bit
PE5019-10 PASTERNACK-PE5019-10 Datasheet
252Kb / 2P
Break-Over Torque Wrench With 5/8 Bit
PE5019-11 PASTERNACK-PE5019-11 Datasheet
246Kb / 2P
Break-Over Torque Wrench With 15/64 Bit
PE5019-14 PASTERNACK-PE5019-14 Datasheet
245Kb / 2P
Break-Over Torque Wrench With 1/4 Bit
PE5019-16 PASTERNACK-PE5019-16 Datasheet
246Kb / 2P
Break-Over Torque Wrench With 15/64 Bit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com