Electronic Components Datasheet Search
  English  ▼

X  

6KA24 Datasheet(PDF) 1 Page - General Semiconductor

Part # 6KA24
Description  PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

6KA24 Datasheet(HTML) 1 Page - General Semiconductor

  6KA24 Datasheet HTML 1Page - General Semiconductor 6KA24 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6KA24 TRANSIENT SUPPRESSOR
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 24 Volts
Peak Pulse Power - 6000 Watts
FEATURES
♦ Designed for under the hood applications
♦ Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
♦ Exclusive patented PAR™ oxide passivated
chip construction
♦ 6000W peak pulse power capability
with a 10/1000
µs waveform
♦ 2000W peak pulse power capability with a
10
µs/50ms waveform
♦ Low incremental surge resistance
♦ Ideally suited for automotive “load dump”
applications
♦ High temperature soldering guaranteed:
300
°C/10 seconds 0.375” (9.5mm) lead lengths,
5lbs (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over nitride passivated die
Terminals: Axial leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes positive end (cathode)
Mounting Position: Any
Weight: 0.07 ounce, 2.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°ambient temperature unless otherwise specified.
RATINGS
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a 10/1000
µs waveform (NOTE 1)
PPPM
6000
Watts
Peak pulse power dissipation with a 10
µs/50ms waveform (NOTE 2)
PPPM
2000
Watts
Steady state power dissipation, (NOTE 6)
lead lengths 0.375" (9.5mm), TL=85°C
PM(AV)
5.0
Watts
Peak forward surge current, 8.3ms single
half sine-wave on rated load (JEDEC Method) (NOTE 3)
IFSM
400
Amps
Maximum DC reverse leakage current at VWM=24V TA=25°C
1.0
TA=150°C
ID
50.0
µA
Reverse Breakdown Voltage at 100mA
TA=25°C minimum
26.7
TA=25°C maximum
32.6
TA=150°C minimum
V(BR)
29.7
Volts
TA=150°C maximum
36.7
Maximum clamping voltage at lPP=90A (NOTE 4) TA=25°C
40.0
TA=150°C
Vc
45.0
Volts
Maximum instantaneous forward voltage at 100A (NOTE 5)
VF
1.8
Volts
Operating junction and storage temperature range
TJ, TSTG
-65 to +185
°C
NOTES:
(1) Non-repetitive current pulse, per Fig. 2, with a 10/1000
µs waveform
(2) Non-repetitive current pulse, per Fig. 5, with a 10
µs/50ms waveform
(3) Measured on 8.3ms half sine-wave, or equivalent square wave, duty cycle=4 pulses maximum
(4) Measured on 80
µs square pulse width
(5) Measured on 300
µs second square pulse width
(6) Mounted on copper pad area of 0.8 x 8.0” (20 x 20mm) per Fig. 5
1/25/99
0.052 (1.32)
0.048 (1.22)
0.360 (9.1)
0.340 (8.6)
DIA.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
Case Style P600
Dimensions in inches and (millimeters)
Patent #’s
4,980,315
5,166,769
5,278,094
*


Similar Part No. - 6KA24

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6KA24 COMCHIP-6KA24 Datasheet
67Kb / 2P
Automotive Transient Voltage Supressor
logo
Vishay Siliconix
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
6KA24 VISHAY-6KA24 Datasheet
75Kb / 4P
PAR Transient Voltage Suppressors
08-Feb-11
6KA24 VISHAY-6KA24 Datasheet
78Kb / 4P
PAR짰 Transient Voltage Suppressors
16-Sep-2021
6KA24-4 VISHAY-6KA24-4 Datasheet
37Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 6KA24

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6K24-G COMCHIP-6K24-G Datasheet
243Kb / 2P
Automotive Transient Voltage Suppressor
logo
Vishay Siliconix
6KA24-4 VISHAY-6KA24-4 Datasheet
37Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
MR4045 ONSEMI-MR4045 Datasheet
127Kb / 4P
Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 2
logo
General Semiconductor
1.5KA6.8 GE-1.5KA6.8 Datasheet
56Kb / 4P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
MR2535L NJSEMI-MR2535L Datasheet
173Kb / 2P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
MR2535AL EIC-MR2535AL Datasheet
216Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2535L-Q EIC-MR2535L-Q Datasheet
370Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 08, 2019
MR2535L EIC-MR2535L_V01 Datasheet
225Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04:February 25, 2008
MR2540L EIC-MR2540L_V01 Datasheet
331Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
MR2540 EIC-MR2540_V01 Datasheet
138Kb / 1P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com