Electronic Components Datasheet Search
  English  ▼

X  

RS0085 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0085
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0085 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0085 Datasheet HTML 1Page - Solid States Devices, Inc RS0085 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Per Leg)
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(TA = 25
°C, Pulse)
IF = 3 Amps
IF = 5 Amps
IF = 10 Amps
VF1
VF2
VF3
0.7
0.72
0.82
Volts
Instantaneous Forward Voltage Drop
(IF = 5 Amps, TA = -55
°C, Pulse)
VF4
0.87
Volts
Reverse Leakage Current
(Rated VR, TA = 25
°C, Pulse)
IR1
100
µA
Reverse Leakage Current
(Rated VR, TA = 100
°C, Pulse)
IR2
5.0
mA
Junction Capacitance
(VR =10 VDC, TA = 25
°C, f = 1 MHz)
CJ
400
pF
CASE OUTLINE:
28 PIN CLCC
PIN OUT: 1
PIN 5-11: CATHODE
PIN 1, 15-28: ANODE 1
PIN 2, 3, 13, 14: ANODE 2
Note 1- For optimal
performance, connect together
same terminal pins: Cathode,
Anode 1, & Anode 2
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0085C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR2010CT-28



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com