Electronic Components Datasheet Search
  English  ▼

X  

RS0099 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0099
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0099 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0099 Datasheet HTML 1Page - Solid States Devices, Inc RS0099 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SSR4010
__ __ __ __
└
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Lead Options __ = Straight Leads,
D = Bent Down, U = Bent Up
│
│
│
│
│
│
│
└ Package NA = TO-258 w/ .040” Dia. Legs
PA = TO-259 w/ .040” Dia. Legs
N = TO-258 w/ .060” Dia. Legs
P = TO-259 w/ .060” Dia. Legs
│
│
│
│
│
│
│
│
│
│
│
│
└ Configuration CT = Common Cathode,
CA = Common Anode, D = Doubler,
DR = Reverse Doubler
SSR4010CTNA
SSR4010CTPA
40 AMP, 100 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
• PIV 100 Volts
• Low Forward Voltage Drop
• Low Reverse Leakage Current
• Isolated Hermetically Sealed Power Package
• Ceramic Seal Package Available
• Custom Lead Forming Available
• Guard Ring for Overvoltage Protection
• Gold Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, or Space Level Screening Available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SSR4010CTNA, SSR4010CTPA
VRRM
VRWM
VR
100
Volts
Average Rectified Output Current 3/ 4/
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
40
Amps
Peak Surge Current 3/ 4/
(8.3 ms Pulse, Half Sine Wave, superimposed on IO,
allow junction to reach equilibrium between pulses,
TA=25
°C)
IFSM
400
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance
Junction to Case 3/
Junction to Case (Per Leg)
RθJC
0.6
1.2
°C/W
NOTES:
1/ For ordering information, price, and availability- Contact Factory
2/ Screened to MIL-PRF-19500.
3/ Both Legs Tied Together.
.
4/ Doubler: IO = 20A, IFSM = 200A.
TO-258
TO-259
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0099F
DOC


Similar Part No. - RS0099

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0099 SSDI-RS0099_15 Datasheet
182Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - RS0099

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com