Electronic Components Datasheet Search
  English  ▼

X  

B40C800DM Datasheet(PDF) 1 Page - General Semiconductor

Part # B40C800DM
Description  MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B40C800DM Datasheet(HTML) 1 Page - General Semiconductor

  B40C800DM Datasheet HTML 1Page - General Semiconductor B40C800DM Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B40C800DM THRU B380C800DM
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 65 to 600 Volts Forward Current - 0.9 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ Glass passivated chip junctions
♦ Surge overload rating of
45 Amperes peak
♦ Ideal for printed circuit boards
♦ High temperature soldering guaranteed:
260°C/10 seconds at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on body
Mounting Position: Any
Weight: 0.04 ounce, 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
B40
B80
B125
B250
B380
SYMBOLS
C800DM
C800DM
C800DM
C800DM
C800DM
UNITS
Maximum repetitive peak reverse voltage
VRRM
65
125
200
400
600
Volts
Maximum RMS input voltage R + C-load
VRMS
40
80
125
250
380
Volts
Maximum average forward output current for
free air operation at TA=45°C
R + L-load
I(AV)
0.9
Amp
C-load
0.8
Maximum DC blocking voltage
VDC
65
125
200
400
600
Volts
Maximum peak working voltage
VRWM
90
180
300
600
900
Volts
Maximum non-repetitive peak voltage
VRSM
100
200
350
650
1000
Volts
Maximum repetitive peak forward surge current
IFRM
10.0
Amps
Peak forward surge current
single sine wave on rated load at TJ=125°C
IFSM
45.0
Amps
Rating for fusing at TJ=125°C (t<100ms)
I2t
10.0
A2sec
Minimum series resistor C-load at VRMS = ±10%
RT
1.0
2.0
4.0
8.0
12.0
Ohms
Maximum load capacitance
+50%
-10%
CL
5000
2500
1000
500
200
µF
Maximum instantaneous forward voltage drop
per leg at 0.9A
VF
1.0
Volts
Maximum reverse current at rated repetitive
peak voltage per leg
IR
10.0
µA
Typical thermal resistance per leg (NOTE 1)
R
ΘJA
40.0
R
ΘJL
15.0
°C/W
Operating junction temperature range
TJ
-40 to +125
°C
Storage temperature range
TSTG
-40 to +150
°C
NOTES: (1) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.5 x 0.5" (13 x 13mm)
copper pads
Case Style DFM
Dimensions in inches and (millimeters)
0.315 (8.00)
0.285 (7.24)
0.013 (3.3)
0.0086 (0.22)
0.350 (8.9)
0.300 (7.6)
0.255 (6.5)
0.245 (6.2)
0.335 (8.51)
0.320 (8.12)
0.045 (1.14)
0.035 (0.89)
0.080 (2.03)
0.050 (1.27)
0.023 (0.58)
0.018 (0.46)
0.185 (4.69)
0.150 (3.81)
0.130 (3.3)
0.120 (3.05)
0.075 (1.90)
0.055 (1.39)
0.205 (5.2)
0.195 (5.0)
4/98


Similar Part No. - B40C800DM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B40C800DM VISHAY-B40C800DM Datasheet
87Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
B40C800DM VISHAY-B40C800DM Datasheet
97Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
29-May-08
B40C800DM VISHAY-B40C800DM Datasheet
80Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
19-Aug-11
B40C800DM VISHAY-B40C800DM Datasheet
79Kb / 4P
Glass Passivated Ultrafast Bridge Rectifier
16-Aug-13
B40C800DM VISHAY-B40C800DM Datasheet
89Kb / 5P
Glass Passivated Ultrafast Bridge Rectifier
03-Sep-2020
More results

Similar Description - B40C800DM

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DF005M GE-DF005M Datasheet
93Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
MB2M GE-MB2M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
3N253 NJSEMI-3N253 Datasheet
121Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
New Jersey Semi-Conduct...
W005G NJSEMI-W005G Datasheet
71Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB05M YFWDIODE-MB05M Datasheet
82Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifier
MB05M-MBM YFWDIODE-MB05M-MBM Datasheet
276Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifier
MB1M-MBM YFWDIODE-MB1M-MBM Datasheet
556Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Semtech Corporation
DF01M SEMTECH-DF01M Datasheet
155Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE - PHASE - BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com