Electronic Components Datasheet Search
  English  ▼

X  

BA782 Datasheet(PDF) 1 Page - General Semiconductor

Part # BA782
Description  Bandswitching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BA782 Datasheet(HTML) 1 Page - General Semiconductor

  BA782 Datasheet HTML 1Page - General Semiconductor BA782 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bandswitching Diodes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Dimensions in inches and (millimeters)
SOD-123
.022 (0.55)
.067 (1.70)
min. .010 (0.25)
Cathode Mark
Top View
.055 (1.40)
Case: SOD-123 Plastic Case
Weight: approx. 0.01 g
4/98
256
BA782, BA783
Symbol
Value
Unit
Reverse Voltage
VR
35
V
Forward Continuous Current at Tamb = 25 °C
IF
100
mA
Junction Temperature
Tj
125
°C
Storage Temperature Range
TS
–55 to +125
°C
Silicon Epitaxial Planar Diode Switches
For electronic bandswitching in radio
and TV tuners in the frequency range
of 50 … 1000 MHz. The dynamic for-
ward resistance is constant and very small over
a wide range of frequency and forward current.
The reverse capacitance is also small and
largely independent of the reverse voltage.
These diodes are also available in SOD-323 case
with the type designations BA782S and BA783S.
♦
♦
♦


Similar Part No. - BA782

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BA782 KEXIN-BA782 Datasheet
33Kb / 1P
Bandswitching Diodes
logo
SEMTECH ELECTRONICS LTD...
BA782 SEMTECH_ELEC-BA782 Datasheet
329Kb / 3P
Band Switching Diode
logo
Vishay Siliconix
BA782 VISHAY-BA782 Datasheet
75Kb / 3P
Band Switching Diodes
25-Feb-13
logo
SEMTECH ELECTRONICS LTD...
BA782 SEMTECH_ELEC-BA782 Datasheet
545Kb / 3P
Band Switching Diode
logo
Vishay Siliconix
BA782-G VISHAY-BA782-G Datasheet
77Kb / 3P
Band Switching Diodes
14-May-14
More results

Similar Description - BA782

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCD010 SANYO-DCD010 Datasheet
20Kb / 2P
Diodes
logo
General Semiconductor
BA782S GE-BA782S Datasheet
81Kb / 2P
Bandswitching Diodes
logo
Rohm
UMD3 ROHM-UMD3 Datasheet
44Kb / 1P
Diodes
logo
Diodes Incorporated
1S955 DIODES-1S955 Datasheet
54Kb / 1P
DIODES
logo
STMicroelectronics
PL100Z STMICROELECTRONICS-PL100Z Datasheet
199Kb / 3P
ZENDER DIODES DIODES ZENDER
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Guangdong Kexin Industr...
BA782 KEXIN-BA782 Datasheet
33Kb / 1P
Bandswitching Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com