Electronic Components Datasheet Search
  English  ▼

X  

RS0201 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0201
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0201 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0201 Datasheet HTML 1Page - Solid States Devices, Inc RS0201 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SSR1008J
SSR1009J
SSR1010J
__
__
__
__
__
__
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Lead Options __ = Straight Leads,
DB = Bent Down, UB = Bent Up
TO-257
SSR1008J
SSR1009J
SSR1010J
10 AMP
80 ─ 100 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Isolated Power Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, or Space Level Screening Available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SSR1008J
SSR1009J
SSR1010J
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Output Current
3/
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
10
Amps
Peak Surge Current
3/
(8.3 ms Pulse, Half Sine Wave superimposed on
IO, allow junction to reach equilibrium between
pulses, TA=25
°C)
IFSM
200
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance
3/
Junction to Case
RθJC
1.7
°C/W
NOTES:
1/ For ordering information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ For optimal performance, leads 2 & 3 should be connected..
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0201B
DOC


Similar Part No. - RS0201

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0201 SSDI-RS0201_15 Datasheet
177Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - RS0201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com