Electronic Components Datasheet Search
  English  ▼

X  

BAT42 Datasheet(PDF) 1 Page - General Semiconductor

Part # BAT42
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAT42 Datasheet(HTML) 1 Page - General Semiconductor

  BAT42 Datasheet HTML 1Page - General Semiconductor BAT42 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Schottky Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
DO-35
max. ∅
Cathode
.020 (0.52)
Mark
max. ∅.079 (2.0)
Dimensions in inches and (millimeters)
Case: DO-35 Glass Case
Weight: approx. 0.13 g
4/98
BAT42, BAT43
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Forward Continuous Current at Tamb = 25 °C
IF
2001)
mA
Repetitive Peak Forward Current
at tp < 1 s, δ < 0.5, Tamb = 25 °C
IFRM
5001)
mA
Surge Forward Current at tp < 10 ms, Tamb = 25 °C
IFSM
41)
A
Power Dissipation1) at Tamb = 65 °C
Ptot
2001)
mW
Junction Temperature
Tj
125
°C
Ambient Operating Temperature Range
Tamb
–65 to +125
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
For general purpose applications
These diodes feature very low turn-
on voltage and fast switching. These
devices are protected by a PN junction
guard ring against excessive voltage, such
as electrostatic discharges.
These diodes are also available in the SOD-123
case with the type designations BAT42W to BAT43W
and in the MiniMELF case with type
designations LL42 to LL43.
♦
♦
♦


Similar Part No. - BAT42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT42 STMICROELECTRONICS-BAT42 Datasheet
89Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Diodes Incorporated
BAT42 DIODES-BAT42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
Galaxy Semi-Conductor H...
BAT42 BILIN-BAT42 Datasheet
165Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT42 GOOD-ARK-BAT42 Datasheet
56Kb / 1P
Small-Signal Diode
logo
Vishay Siliconix
BAT42 VISHAY-BAT42 Datasheet
120Kb / 5P
Schottky Diodes
27-Feb-07
More results

Similar Description - BAT42

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com