Electronic Components Datasheet Search
  English  ▼

X  

80960KB Datasheet(PDF) 10 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 10 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 6Page - Intel Corporation 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation 80960KB Datasheet HTML 10Page - Intel Corporation 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
80960KB
4
Figure 3. Instruction Formats
OpcodeDisplacement
OpcodeReg/LitRegMDisplacement
OpcodeRegReg/LitModesExt’d OpReg/Lit
OpcodeRegBaseMXOffset
OpcodeRegBaseModeScalexxOffset
Displacement
Control
Compare and
Branch
Register to
Register
Memory
Access—Short
Memory
Access—Long
1.1.1
Memory Space And Addressing Modes
The
80960KB
offers
a
linear
programming
environment so that all programs running on the
processor are contained in a single address space.
Maximum address space size is 4 Gigabytes (232
bytes).
For ease of use the 80960KB has a small number of
addressing modes, but includes all those necessary
to ensure efficient execution of high-level languages
such as C. Table 2 lists the modes.
1.1.2
Data Types
The 80960KB recognizes the following data types:
Numeric:
• 8-, 16-, 32- and 64-bit ordinals
• 8-, 16-, 32- and 64-bit integers
• 32-, 64- and 80-bit real numbers
Non-Numeric:
•Bit
• Bit Field
• Triple Word (96 bits)
• Quad-Word (128 bits)
1.1.3
Large Register Set
The 80960KB programming environment includes a
large number of registers. In fact, 32 registers are
available at any time. The availability of this many
registers greatly reduces the number of memory
accesses required to perform algorithms, which
leads to greater instruction processing speed.
There are two types of general-purpose registers:
local and global. The 20 global registers consist of
sixteen 32-bit registers (G0 though G15) and four
80-bit registers (FP0 through FP3). These registers
Table 2. Memory Addressing Modes
• 12-Bit Offset
• 32-Bit Offset
• Register-Indirect
• Register + 12-Bit Offset
• Register + 32-Bit Offset
• Register + (Index-Register x Scale-Factor)
• Register x Scale Factor + 32-Bit Displacement
• Register + (Index-Register x Scale-Factor) +
32-Bit Displacement
• Scale-Factor is 1, 2, 4, 8 or 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com