Electronic Components Datasheet Search
  English  ▼

X  

HBV-M Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HBV-M
Description  Fuse Holders HB PCB Series (HBH, HBV, HBW)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HBV-M Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HBV-M Datasheet HTML 1Page - Cooper Bussmann, Inc. HBV-M Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• For 1⁄4" x 1 1⁄4" and 5 x 20mm fuses
• Fuse carriers are interchangeable
• Carriers are color coded for easy identification:
• Gray for 1⁄4" diameter fuses
• Black for 5mm fuses
• Vertical and horizontal body mounting versions
• Fuse carrier and knob are spring loaded
bayonet type with screwdriver slot
• “Kicked” terminals (all models) for optimum
wave-soldering
• Stabilizer pins on HBV model
• High dielectric molded thermoplastic meets UL 94V0
Resistance Ratings
• Insulation resistance: 10,000 megaohm at 500Vdc
• Contact resistance: Less than 0.005 ohms at 200mV
Dielectric Strength
• Dielectric strength: Over 200V/mil
Agency Information
• CE, VDE 4009241 (HBV, HBW) SEMKO 800444
• UL Recognized: IZLT2, E14853
• CSA Certified: Class 6225-01, File 47235
Environmental Data
• Operating Temperature: (-40ºC to + 85ºC )
• Temperature rating (RTI): The mounting body for all
devices has a temperature rating of 150°C. The knob
for all devices has a temperature rating of 130°C.
Ordering
• Specify packaging, product, and option code
Specifications
Catalog
Fuse Holder
Voltage Rating
Current Rating (amps) Agency Approval
Number
Body Mount
Carrier Size
Volts
UL
CSA
VDE
SEMKO
HBH-I
Horizontal
1
⁄4" x 1 1⁄4"
250
16
12
–
10
HBH-M
Horizontal
5 x 20mm
250
16
12
–
10
HBV-I
Vertical w/ Stability Pins
1
⁄4" x 1 1⁄4"
250
16
12
6.3
10
HBV-M
Vertical w/ Stability Pins
5 x 20mm
250
16
12
6.3
10
HBW-I
Vertical w/o Stability Pins
1
⁄4" x 1 1⁄4"
250
16
12
6.3
10
HBW-M
Vertical w/o Stability Pins
5 x 20mm
250
16
12
6.3
10
HBH
Horizontal
na
250
16
12
–
10
HBV
Vertical w/ Stability Pins
na
250
16
12
6.3
10
HBW
Vertical w/o Stability Pins
na
250
16
12
6.3
10
FBI
na
1
⁄4" x 1 1⁄4"–
–
–
–
–
FBM
na
5 x 20mm
–
–
–
–
–
Fuse Holders
HB PCB Series (HBH, HBV, HBW)
0608
BU-SB08247
Page 1 of 2
Data Sheet 2118


Similar Part No. - HBV-M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBV-M COOPER-HBV-M Datasheet
258Kb / 2P
Fuse Holders
logo
Eaton All Rights Reserv...
HBV-M EATON-HBV-M Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
More results

Similar Description - HBV-M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
Fuse Holders
01530008Z LITTELFUSE-01530008Z Datasheet
194Kb / 1P
Blade Fuse Holders - PCB Mount Fuse Holder for MINI짰 Style Blade Fuse
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
Fuse Holders
logo
List of Unclassifed Man...
441-R347A-GR ETC2-441-R347A-GR Datasheet
76Kb / 2P
Blade Fuse Holders
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
PCB fuse holders for 5x20mm fuses
logo
Eaton All Rights Reserv...
HKP EATON-HKP Datasheet
184Kb / 2P
Panel-mount fuse holders
logo
Littelfuse
LFPSC LITTELFUSE-LFPSC Datasheet
286Kb / 1P
LFPSC DEAD-FRONT FUSE HOLDERS
Rev: 032922
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com