Electronic Components Datasheet Search
  English  ▼

X  

BAT48 Datasheet(PDF) 1 Page - General Semiconductor

Part # BAT48
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAT48 Datasheet(HTML) 1 Page - General Semiconductor

  BAT48 Datasheet HTML 1Page - General Semiconductor BAT48 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Schottky Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
DO-35
max. ∅
Cathode
.020 (0.52)
Mark
max. ∅.079 (2.0)
Dimensions in inches and (millimeters)
Case: DO-35 Glass Case
Weight: approx. 0.13 g
5/98
216
BAT48
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
40
V
Forward Continuous Current at Tamb = 25 °C
IF
3501)
mA
Repetitive Peak Forward Current
at tp < 1 s, δ < 0.5, Tamb = 25 °C
IFRM
11)
A
Surge Forward Current at tp < 10 ms, Tamb = 25 °C
IFSM
7.51)
A
Power Dissipation1) at Tamb = 65 °C
Ptot
3301)
mW
Junction Temperature
Tj
125
°C
Ambient Operating Temperature Range
Tamb
–65 to +125
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
For general purpose applications.
These diodes feature very low
turn-on voltage and fast switching.
These devices are protected by a PN
junction guard ring against excessive
voltage, such as electrostatic discharges.
This diode is also available in the Mini-MELF
case with type designations LL46.
.
♦
♦
♦
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - BAT48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT48 STMICROELECTRONICS-BAT48 Datasheet
94Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48 Datasheet
105Kb / 3P
Small-Signal Diode
logo
STMicroelectronics
BAT48 STMICROELECTRONICS-BAT48 Datasheet
114Kb / 8P
Small signal Schottky diodes
08-Aug-2006
logo
SynSemi, Inc.
BAT48 SYNSEMI-BAT48 Datasheet
30Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT48

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com